Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS71108AJ-12 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce GS71108AJ-12
Description  128K x 8 1Mb Asynchronous SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

GS71108AJ-12 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  GS71108AJ-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DQ
VT = 1.4 V
50
30pF1
DQ
3.3 V
Output Load 1
Output Load 2
589
434
5pF1
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted.
3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ
Parameter
Conditions
Input high level
VIH = 2.4 V
Input low level
VIL = 0.4 V
Input rise time
tr = 1 V/ns
Input fall time
tf = 1 V/ns
Input reference level
1.4 V
Output reference level
1.4 V
Output load
Fig. 1& 2
GS71108ATP/J/SJ/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.08 6/2006
5/16
© 2001, GSI Technology
AC Test Conditions
AC Characteristics
Read Cycle
Parameter
Symbol
-7
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
t
7
8
10
12
ns
Address access time
t
7
8
10
12
ns
Chip enable access time (CE)
t
7
8
10
12
ns
Output enable to output valid (OE)
t
3
3.5
4
5
ns
Output hold from address change
t
3
3
3
3
ns
Chip enable to output in low Z (CE)
t *
3
3
3
3
ns
Output enable to output in low Z (OE)
t *
0
0
0
0
ns
Chip disable to output in High Z (CE)
t *
3.5
4
5
6
ns
Output disable to output in High Z (OE)
t
*
3
3.5
4
5
ns
* These parameters are sampled and are not 100% tested
RC
AA
AC
OE
OH
LZ
OLZ
HZ
OHZ


Numéro de pièce similaire - GS71108AJ-12

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS71108AJ-12 ETC-GS71108AJ-12 Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-12I ETC-GS71108AJ-12I Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results

Description similaire - GS71108AJ-12

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com