Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS71108AGU-7 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce GS71108AGU-7
Description  128K x 8 1Mb Asynchronous SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

GS71108AGU-7 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GS71108AGU-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 13Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1
e
B1
D
y
Q
c
L
Detail A
A
B
Notes:
1. Dimension D& E do not include interlead flash.
2. Dimension B1 does not include dambar protrusion/intrusion.
3. Controlling dimension: inches
Symbol
Dimension in inch
Dimension in mm
min
nom
max
min
nom
max
A
0.146
3.70
A1
0.026
0.66
A2
0.105
0.110
0.115
2.67
2.80
2.92
B
0.013
0.017
0.021
0.33
0.43
0.53
B1
0.024
0.028
0.032
0.61
0.71
0.81
c
0.006
0.008
0.012
0.15
0.20
0.30
D
0.820
0.824
0.829
20.83
20.93
21.06
E
0.395
0.400
0.405
10.04
10.16
10.28
e
0.05
1.27
HE
0.430
0.435
0.440
10.93
11.05
11.17
GE
0.354
0.366
0.378
9.00
9.30
9.60
L
0.082
2.08
y
0.004
0.10
Q
0o
10o
0o
10o
GS71108ATP/J/SJ/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.08 6/2006
10/16
© 2001, GSI Technology
32-Pin SOJ, 400 mil


Numéro de pièce similaire - GS71108AGU-7

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS71108AJ-10 ETC-GS71108AJ-10 Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-10I ETC-GS71108AJ-10I Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-12 ETC-GS71108AJ-12 Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-12I ETC-GS71108AJ-12I Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-7 ETC-GS71108AJ-7 Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results

Description similaire - GS71108AGU-7

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com