Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N25 Datasheet(Fiches technique) 1 Page - Everlight Electronics Co., Ltd

Numéro de pièce 4N25
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Télécharger  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N25 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  4N25 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 2Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 3Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 4Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 5Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 6Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 7Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 8Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http:\\www.everlight.com
Document No:DPC-717-044 Rev. 3
April 1, 2008
4N2X Series
4N3X Series
H11AX Series
Features:
• 4N2X series: 4N25, 4N26, 4N27, 4N28
• 4N3X series: 4N35, 4N36, 4N37, 4N38
• H11AX series: H11A1, H11A2, H11A3, H11A4, H11A5
• High isolation voltage between input and output
(Viso=5000 V rms)
• Creepage distance >7.62 mm
• Operating temperature up to +110°C
• Compact dual-in-line package
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approved (No. 716108 /No. 716109)
• NEMKO approval (No. P06206747)
• DEMKO approval (No. 313924)
• FIMKO approval (No. FI 22807)
• CSA approved (No.1969132)
Description
The 4N2X, 4N3X, H11AX series of devices each consist of
an infrared emitting diode optically coupled to a phototransistor.
They are packaged in a 6-pin DIP package and available in
wide-lead spacing and SMD option.
Schematic
Applications
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn