Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC2322LD Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPIC2322LD
Description  3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC2322LD Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPIC2322LD Datasheet HTML 2Page - Texas Instruments TPIC2322LD Datasheet HTML 3Page - Texas Instruments TPIC2322LD Datasheet HTML 4Page - Texas Instruments TPIC2322LD Datasheet HTML 5Page - Texas Instruments TPIC2322LD Datasheet HTML 6Page - Texas Instruments TPIC2322LD Datasheet HTML 7Page - Texas Instruments TPIC2322LD Datasheet HTML 8Page - Texas Instruments TPIC2322LD Datasheet HTML 9Page - Texas Instruments TPIC2322LD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TPIC2322L
3CHANNEL COMMONSOURCE LOGICLEVEL POWER DMOS ARRAY
SLIS036A − JUNE 1994 − REVISED OCTOBER 1994
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251−1443
2−6
TYPICAL CHARACTERISTICS
ID − Drain Current − A
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
0.25
0.75
1.25
1
234
1.75
5
0
2.25
VDS − Drain-to-Source Voltage − V
VGS = 4 V
VGS = 3 V
VGS = 5 V
nVGS = 0.2 V
TJ = 25°C
0
0.5
1
1.5
2
1
0.01
0.1
110
TJ = 25°C
VGS = 5 V
VGS = 4.5 V
0.9
0.8
0.7
0.6
0.5
0.4
Figure 7
Figure 8
15
5
40
0
30
20
35
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
50
25
10
45
Total Number of Units = 639
VDS = 15 V
ID = 0.5 A
TJ = 25°C
2.25
2
1
0.5
0
1.5
01
23
4
5
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
VGS − Gate-to-Source Voltage − V
TJ = − 40°C
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
0.25
0.75
1.25
1.75
gfs − Forward Transconductance − S
Figure 9
Figure 10


Numéro de pièce similaire - TPIC2322LD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301KV TI1-TPIC2301KV Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC2302D TI-TPIC2302D Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC2302DR TI-TPIC2302DR Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
More results

Description similaire - TPIC2322LD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5322L TI1-TPIC5322L Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com