Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL4242DRJR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL4242DRJR
Description  ADJUSTABLE LED DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL4242DRJR Fiches technique(HTML) 5 Page - Texas Instruments

  TL4242DRJR Datasheet HTML 1Page - Texas Instruments TL4242DRJR Datasheet HTML 2Page - Texas Instruments TL4242DRJR Datasheet HTML 3Page - Texas Instruments TL4242DRJR Datasheet HTML 4Page - Texas Instruments TL4242DRJR Datasheet HTML 5Page - Texas Instruments TL4242DRJR Datasheet HTML 6Page - Texas Instruments TL4242DRJR Datasheet HTML 7Page - Texas Instruments TL4242DRJR Datasheet HTML 8Page - Texas Instruments TL4242DRJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TYPICAL CHARACTERISTICS
-50
0
50
100
150
200
250
300
350
400
450
0
5
10
15
20
25
30
35
40
VCC – Supply Voltage – V
0
100
200
300
400
500
600
700
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
RREF – 8W
-10
0
10
20
30
40
50
60
0
10
20
30
40
VPWM – PWM Voltage – V
175.5
176.0
176.5
177.0
177.5
178.0
178.5
-40
-20
0
20
40
60
80
100
120 140
TJ – Virtual Junction Temperature – °C
TL4242
www.ti.com .................................................................................................................................................................................................... SLVS641 – APRIL 2008
Figure 1. Output Current vs External Resistor
Figure 2. Output Current vs Supply Voltage
Figure 3. Reference Voltage vs Junction Temperature
Figure 4. PWM Pin Input Current vs PWM Voltage
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Numéro de pièce similaire - TL4242DRJR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL4242DRJR TI-TL4242DRJR Datasheet
555Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242DRJR TI-TL4242DRJR Datasheet
498Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
More results

Description similaire - TL4242DRJR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL4242 TI-TL4242_10 Datasheet
498Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G Datasheet
270Kb / 13P
   Adjustable LED Driver
Rev. 1.0, 2004-01-01
logo
Texas Instruments
TL4242QKTTRQ1 TI-TL4242QKTTRQ1 Datasheet
986Kb / 21P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242 TI-TL4242_09 Datasheet
555Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
   Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
   Adjustable Constant Current LED Driver
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
   ADJUSTABLE 60V LINEAR LED DRIVER
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
   LED constant current adjustable driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com