Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HC367MTG4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
CD74HC367MTG4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 17 page 6 Propagation Delay, Data to Outputs HC/HCT368 tPLH, tPHL CL = 50pF 2 - 105 130 160 ns 4.5 - 21 26 32 ns 6 - 18 24 27 ns CL = 15pF 5 9 - - - ns Propagation Delay, Output Enable and Disable to Outputs tPLH, tPHL CL = 50pF 2 - 150 190 225 ns 4.5 - 30 38 45 ns 6 - 26 33 38 ns CL = 15pF 5 12 - - - ns Output Transition Time tTLH, tTHL CL = 50pF 2 - 60 75 90 ns 4.5 - 12 15 18 ns 6 - 10 13 15 ns Input Capacitance CI -- - 10 10 10 pF Three-State Output Capacitance CO -- - 20 20 20 pF Power Dissipation Capacitance (Notes 4, 5) CPD - 5 40 - - - pF HCT TYPES Propagation Delay, Data to Outputs HC/HCT367 tPLH, tPHL CL = 50pF 4.5 - 25 31 38 ns CL = 15pF 5 9 - - - ns Propagation Delay, Data to Outputs HC/HCT368 tPLH, tPHL CL = 50pF 4.5 - 30 38 45 ns CL = 15pF 5 11 - - - ns Propagation Delay, Output Enable and Disable to Outputs tPLH, tPHL CL = 50pF 4.5 - 35 44 53 ns CL = 15pF 5 14 - - - ns Output Transition Time tTLH, tTHL CL = 50pF 4.5 - 12 15 18 ns Input Capacitance CIN -- - 10 10 10 pF Three-State Capacitance CO -- - 20 20 20 pF Power Dissipation Capacitance (Notes 4, 5) CPD - 5 42 - - - pF NOTES: 4. CPD is used to determine the dynamic power consumption, per buffer. 5. PD = VCC 2f i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS TYP MAX MAX MAX CD54/74HC367, CD54/74HCT367, CD54/74HC368, CD74HCT368 |
Numéro de pièce similaire - CD74HC367MTG4 |
|
Description similaire - CD74HC367MTG4 |