Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC590ADW Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HC590ADW
Description  8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74HC590ADW Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74HC590ADW Datasheet HTML 2Page - Texas Instruments SN74HC590ADW Datasheet HTML 3Page - Texas Instruments SN74HC590ADW Datasheet HTML 4Page - Texas Instruments SN74HC590ADW Datasheet HTML 5Page - Texas Instruments SN74HC590ADW Datasheet HTML 6Page - Texas Instruments SN74HC590ADW Datasheet HTML 7Page - Texas Instruments SN74HC590ADW Datasheet HTML 8Page - Texas Instruments SN74HC590ADW Datasheet HTML 9Page - Texas Instruments SN74HC590ADW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN54HC590A, SN74HC590A
8BIT BINARY COUNTERS
WITH 3STATE OUTPUT REGISTERS
SCLS039F − DECEMBER 1982 − REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC590A
SN74HC590A
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
4
2.5
3.2
fclock
Clock frequency
4.5 V
20
13
16
MHz
fclock
Clock frequency
6 V
24
16
19
MHz
2 V
125
200
155
CCLK or RCLK high or low
4.5 V
25
38
31
tw
Pulse duration
CCLK or RCLK high or low
6 V
21
32
26
ns
tw
Pulse duration
2 V
100
150
125
ns
CCLR low
4.5 V
20
30
25
CCLR low
6 V
17
26
21
2 V
100
150
125
CCKEN low before CCLK
4.5 V
20
30
25
CCKEN low before CCLK
6 V
17
26
21
2 V
100
150
125
tsu
Setup time
CCLR high (inactive) before CCLK
4.5 V
20
30
25
ns
tsu
Setup time
CCLR high (inactive) before CCLK
6 V
17
26
21
ns
2 V
100
150
125
CCLK
↑ before RCLK↑†
4.5 V
20
30
25
CCLK
↑ before RCLK↑†
6 V
17
26
21
2 V
50
75
60
th
Hold time
CCKEN low after CCLK
4.5 V
10
15
12
ns
th
Hold time
CCKEN low after CCLK
6 V
9
13
11
ns
† This setup time ensures that the register gets stable data from the counter outputs. The clocks may be tied together, in which case the register
is one clock pulse behind the counter.


Numéro de pièce similaire - SN74HC590ADW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC590ADW TI-SN74HC590ADW Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC590ADW TI-SN74HC590ADW Datasheet
725Kb / 21P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC590ADWG4 TI-SN74HC590ADWG4 Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC590ADWG4 TI-SN74HC590ADWG4 Datasheet
725Kb / 21P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC590ADWR TI-SN74HC590ADWR Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
More results

Description similaire - SN74HC590ADW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC590A TI-SN54HC590A_07 Datasheet
725Kb / 21P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154 Datasheet
254Kb / 11P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_07 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI1-SN74LV8154_15 Datasheet
361Kb / 20P
[Old version datasheet]   Dual 16-Bit Binary Counters With 3-State Output Registers
SN74LV8154 TI-SN74LV8154_09 Datasheet
439Kb / 15P
[Old version datasheet]   DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54LS592 TI-SN54LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INTPUT REGISTERS
SN54LS592 TI-SN54LS592_1 Datasheet
1Mb / 30P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INPUT REGISTERS
SN74LS592 TI-SN74LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8 BIT BINARY COUNTERS WITH INPUT REGISTERS
SN54LS590 TI1-SN54LS590_16 Datasheet
894Kb / 16P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com