Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHCT594DR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHCT594DR
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT594DR Fiches technique(HTML) 5 Page - Texas Instruments

  SN74AHCT594DR Datasheet HTML 1Page - Texas Instruments SN74AHCT594DR Datasheet HTML 2Page - Texas Instruments SN74AHCT594DR Datasheet HTML 3Page - Texas Instruments SN74AHCT594DR Datasheet HTML 4Page - Texas Instruments SN74AHCT594DR Datasheet HTML 5Page - Texas Instruments SN74AHCT594DR Datasheet HTML 6Page - Texas Instruments SN74AHCT594DR Datasheet HTML 7Page - Texas Instruments SN74AHCT594DR Datasheet HTML 8Page - Texas Instruments SN74AHCT594DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN54AHCT594, SN74AHCT594
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS417H − JUNE 1998 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±75 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
82
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54AHCT594
SN74AHCT594
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
−8
−8
mA
IOL
Low-level output current
8
8
mA
Dt/Dv
Input transition rise or fall rate
20
20
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - SN74AHCT594DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT594DR TI-SN74AHCT594DR Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594DR TI-SN74AHCT594DR Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594DRE4 TI-SN74AHCT594DRE4 Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594DRG4 TI-SN74AHCT594DRG4 Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Description similaire - SN74AHCT594DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com