Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS74901RGWT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS74901RGWT
Description  3.0A Low Dropout Linear Regulator with Programmable Soft-Start
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS74901RGWT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS74901RGWT Datasheet HTML 4Page - Texas Instruments TPS74901RGWT Datasheet HTML 5Page - Texas Instruments TPS74901RGWT Datasheet HTML 6Page - Texas Instruments TPS74901RGWT Datasheet HTML 7Page - Texas Instruments TPS74901RGWT Datasheet HTML 8Page - Texas Instruments TPS74901RGWT Datasheet HTML 9Page - Texas Instruments TPS74901RGWT Datasheet HTML 10Page - Texas Instruments TPS74901RGWT Datasheet HTML 11Page - Texas Instruments TPS74901RGWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
1.0
1.5
0.5
2.0
2.5
I
(A)
OUT
3.0
+125 C
°
+25 C
°
-
°
40 C
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
(V)
BIAS
5.5
+125 C
°
+25 C
°
-
°
40 C
500
475
450
425
400
375
350
325
300
-50
-25
0
25
50
75
100
JunctionTemperature( C)
°
125
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
12
PGCurrent(mA)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
1.0
2.0
2.5
1.5
3.0
3.5
4.0
4.5
V
BIAS
OUT
- V
(V)
5.0
+125 C
°
-
°
40 C
+25 C
°
V
=0.8V
OUT
DrivecapabilityofoutputFETlimits
I
whenV
V
isunder2.0V.
OUT
BIAS
OUT
-
TPS749xx
SBVS082B – JUNE 2007 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VIN = VOUT(TYP) + 0.3V, VBIAS = 5V, IOUT = 50mA, VEN = VIN, CIN = 1μF, CBIAS = 4.7μF, and COUT = 10μF,
unless otherwise noted.
BIAS PIN CURRENT vs
BIAS PIN CURRENT vs
IOUT AND TEMPERATURE (TJ)
VBIAS AND TEMPERATURE (TJ)
Figure 15.
Figure 16.
SOFT-START CHARGING CURRENT (ISS) vs
TEMPERATURE (TJ)
LOW-LEVEL PG VOLTAGE vs CURRENT
Figure 17.
Figure 18.
CURRENT LIMIT vs (VBIAS – VOUT)
Figure 19.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS749xx


Numéro de pièce similaire - TPS74901RGWT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74901RGWT TI-TPS74901RGWT Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901RGWT TI1-TPS74901RGWT Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901RGWT TI1-TPS74901RGWT Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
TPS74901RGWT TI-TPS74901RGWT Datasheet
3Mb / 45P
[Old version datasheet]   TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74901RGWTG4 TI-TPS74901RGWTG4 Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
More results

Description similaire - TPS74901RGWT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com