Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD06H0SK Fiches technique(PDF) 6 Page - International Rectifier

No de pièce SD06H0SK
Description  500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SD06H0SK Fiches technique(HTML) 6 Page - International Rectifier

  SD06H0SK Datasheet HTML 1Page - International Rectifier SD06H0SK Datasheet HTML 2Page - International Rectifier SD06H0SK Datasheet HTML 3Page - International Rectifier SD06H0SK Datasheet HTML 4Page - International Rectifier SD06H0SK Datasheet HTML 5Page - International Rectifier SD06H0SK Datasheet HTML 6Page - International Rectifier SD06H0SK Datasheet HTML 7Page - International Rectifier SD06H0SK Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.irf.com
6
IRDCiP2001-A
Table 2 - Reference Design Bill of Materials
Fig. 6 - R
ISEN vs Current (per Phase)
Adjusting the Over-Current Limit
R7 & R8 are the resistors used to adjust the over-current trip point. The trip point is a function of the controller and
corresponds to 165% of the output current indicated on the x-axis of Fig. 6. For example, selecting a resistance of 1.5K
at each phase will set the trip point to 165% of 15A, or 24.75A. The trip point for each phase on the demoboard is currently
set to 165% of 20A, or 33A.
Designator
Value 1
Value 2
Type
Tolerance
Package
Mfr.
Mfr. Part No.
C1
0.022uF
50V
X7R
10%
0805
TDK
C2012X7R1H223K
C2, C6-C11, C27, C30, C31
10.0uF
16V
X5R
10%
1210
TDK
C3225X5R1C106K
C19, C20, C22, C23
100uF
6.3V
X5R
10%
2220
TDK
C5750X5R0J107K
C28
22.0pF
50V
COG
5%
0805
TDK
C2012COG1H220J
C33
0.010uF
50V
X7R
10%
0805
TDK
C2012X7R1H103K
Cx
4700pF
50V
X7R
10%
0603
TDK
C1608X7R1H472K
L2 L3
0.54uH
27A
Ferrite
20%
SMT
Panasonic
ETQP6F0R6BFA
R1, R2
1K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ102
R11, R12, R14
0
1/8W
Thick film
<50m
0805
ROHM
MCR10EZHJ000
R6, R16, R17
10K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ103
R3, R19, D2, D3
-
-
-
-
-
-
-
R4
51K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ513
R7, R8
2K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ202
Rx
51
1/10W
Thick film
5%
0603
KOA
RM73B1J510J
S1
SPST
6 position
Switch
-
SMT
C&K Components
SD06H0SK
ST1 - ST4
4-40
-
-
-
-
Keystone
8412
U1
-
-
PWM controller
0 - 70°C
SOIC20
Intersil
HIP6311CB
U3, U4
-
-
DC-DC
-
11 x 11 x 3mm
IR
IP2001
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
10
11
12
13
14
15
16
17
18
19
20
Output Current (A)


Numéro de pièce similaire - SD06H0SK

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
SD06H0SK ITT-SD06H0SK Datasheet
283Kb / 3P
   Low Profile DIP Switches
SD06H0SKR ITT-SD06H0SKR Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SD06H0SKR CK-COMPONENTS-SD06H0SKR Datasheet
106Kb / 3P
   Low Profile DIP Switches
More results

Description similaire - SD06H0SK

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRDCIP2001-B IRF-IRDCIP2001-B Datasheet
648Kb / 8P
   IRDCiP2001-B, 500kHz, 60A, 3-phase Synchronous Buck Converter using iP2001
IRDCIP2001-C IRF-IRDCIP2001-C Datasheet
674Kb / 8P
   IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
IRDCIP2021C-1 IRF-IRDCIP2021C-1 Datasheet
1Mb / 12P
   IRDCiP2021C-1: 500kHz, 40A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2021C and IR3623M
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
   24V 2A 500kHz synchronous Buck Converter
APW7324 ANPEC-APW7324 Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
logo
International Rectifier
IRDCIP2021C-2 IRF-IRDCIP2021C-2 Datasheet
1Mb / 15P
   IRDCiP2021C-2: 500kHz, 20A, Dual Output, 180o Out of Phase Synchronous Buck Converter
IRDCIP2002-C IRF-IRDCIP2002-C Datasheet
1Mb / 7P
   1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
logo
Richtek Technology Corp...
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
   6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
   500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com