Moteur de recherche de fiches techniques de composants électroniques |
|
M27V201-200XK1TR Fiches technique(PDF) 2 Page - STMicroelectronics |
|
M27V201-200XK1TR Fiches technique(HTML) 2 Page - STMicroelectronics |
2 / 15 page M27V201 2/15 Figure 2B. LCC Pin Connections AI00694 A8 A10 17 A1 A0 Q0 A7 A4 A3 A2 A6 A5 9 A9 1 A11 A13 Q7 32 M27V201 A14 G E 25 Figure 2A. DIP Pin Connections A1 A0 Q0 A7 A4 A3 A2 A6 A5 A13 A10 A8 A9 Q7 A14 A11 G E Q5 Q1 Q2 Q3 VSS Q4 Q6 A17 P A16 A12 VPP VCC A15 AI01901 M27V201 8 1 2 3 4 5 6 7 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 A new pattern can then be written to the device by following the programming procedure. For applications where the content is programmed only one time and erasure is not required, the M27V201 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages. DEVICE OPERATION The operating modes of the M27V201 are listed in the Operating Modes table. A single power supply is required in the read mode. All inputs are TTL levels except for VPP and 12V on A9 for Electronic Signature. Read Mode The M27V201 has two control functions, both of which must be logically active in order to obtain data at the outputs. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should be used to gate data to the output pins, indepen- dent of device selection. Assuming that the ad- dresses are stable, the address access time (tAVQV) is equal to the delay from E to output (tELQV). Data is available at the output after a delay of tGLQV from the falling edge of G, assuming that E has been low and the addresses have been sta- ble for at least tAVQV-tGLQV. Figure 2C. TSOP Pin Connections A1 A0 Q0 A7 A4 A3 A2 A6 A5 A13 A10 A8 A9 Q7 A14 A11 G E Q5 Q1 Q2 Q3 Q4 Q6 A17 P A16 A12 VPP VCC A15 AI01154B M27V201 (Normal) 8 1 9 16 17 24 25 32 VSS |
Numéro de pièce similaire - M27V201-200XK1TR |
|
Description similaire - M27V201-200XK1TR |