Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HCT112E Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
CD74HCT112E Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 18 page 2 Functional Diagram TRUTH TABLE INPUTS OUTPUTS S R CP J K Q Q LH X X X H L H L XXX L H L L X X X H (Note 1) H (Note 1) H H ↓ L L No Change H H ↓ HLHL HH ↓ LHLH HH ↓ H H Toggle H H H X X No Change H= High Level (Steady State) L= Low Level (Steady State) X= Don’t Care ↓= High-to-Low Transition NOTE: 1. Output states unpredictable if both S and R go High simultaneously after both being low at the same time. 1S 2S 2R 4 10 5 6 1Q 1Q 14 15 1R 2K 12 13 9 7 2Q 2Q 2CP F/F 1 F/F 2 GND = 8 VCC = 16 2J 11 1K 2 1 1CP 1J 3 CD54HC112, CD74HC112, CD54HCT112, CD74HCT112 |
Numéro de pièce similaire - CD74HCT112E |
|
Description similaire - CD74HCT112E |