Moteur de recherche de fiches techniques de composants électroniques |
|
TPS76801QPWPR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
TPS76801QPWPR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 23 page www.ti.com (2) If VO≤ 1.8 V then VImax = 10 V, VImin = 2.7 V: Line Reg. (mV) + (% V) V O V Imax *2.7V 100 1000 If VO≥ 2.5 V then VImax = 10 V, VImin = VO + 1 V: Line Reg. (mV) + (% V) V O V Imax* VO)1V 100 1000 ELECTRICAL CHARACTERISTICS TPS768xxQ SLVS211L – JUNE 1999 – REVISED JANUARY 2006 over recommended operating free-air temperature range, V I = VO(typ)+ 1 V, IO = 1 mA, EN = 0 V, CO = 10 µF (unless otherwise noted). PARAMETER TEST CONDITIONS MIN TYP MAX UNIT –40 °C ≤ T J ≤ +125°C, VO + 1 V ≤ VIN ≤ 10V (1), VOUT Accuracy (0.98)VO VO (1.02)VO V 10 µA ≤ I O ≤ 1A 10 µA < I O < 1 A, TJ = +25°C 85 Quiescent current (GND current) EN = 0V (1) µA IO = 1 A, TJ = –40°C to +125°C 125 Output voltage line regulation ( ∆V O/VO) (1) (2) VO + 1 V < VI ≤ 10 V, TJ = +25°C 0.01 %/V Load regulation 3 mV BW = 200 Hz to 100 kHz, CO = 10 µF, Output noise voltage (TPS76818) 55 µVrms IC = 1 A, TJ = +25°C Output current limit VO = 0 V 1.2 1.7 2 A Thermal shutdown junction temperature 150 °C VEN = VI, TJ = +25°C, 2.7 V < VI < 10 V 1 µA Standby current VEN = VI, TJ = –40°C to +125°C, 10 µA 2.7 V < VI < 10 V FB pin current, IFB TPS76801 VFB = 1.5 V 2 nA High-level enable input voltage 1.7 V Low-level enable input voltage 0.9 V Power-supply ripple rejection (1) f = 1 kHz, CO = 10 µF, TJ = +25°C 60 dB Minimum input voltage for valid PG IO(PG) = 300 µA 1.1 V Trip threshold voltage VO decreasing 92 98 %VO Power Good Hysteresis voltage Measured at VO 0.5 %VO (PG) Output low voltage VI = 2.7 V, IO(PG) = 1 mA 0.15 0.4 V Leakage current V(PG) = 5 V 1 µA VEN = 0 V 1 0 1 Enable pin current (IEN) µA VEN = VI 1 1 IO = 1 A, TJ = +25°C 500 TPS76828 IO = 1 A, TJ = –40°C to +125°C 825 IO = 1 A, TJ = +25°C 450 TPS76830 IO = 1 A, TJ = –40°C to +125°C 675 Dropout voltage (3) mV IO = 1 A, TJ = +25°C 350 TPS76833 IO = 1 A, TJ = –40°C to +125°C 575 IO = 1 A, TJ = +25°C 230 TPS76850 IO = 1 A, TJ = –40°C to +125°C 380 (1) Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V. (3) IN voltage equals VO(typ) – 100 mV; TPS76801 output voltage set to 3.3 V nominal with external resistor divider. TPS76815, TPS76818, TPS76825, and TPS76827 dropout voltage limited by input voltage range limitations (that is, TPS76830 input voltage must drop to 2.9 V for the purpose of this test). 3 Submit Documentation Feedback |
Numéro de pièce similaire - TPS76801QPWPR |
|
Description similaire - TPS76801QPWPR |