Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2490DGS Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2490DGS
Description  POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2490DGS Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS2490DGS Datasheet HTML 5Page - Texas Instruments TPS2490DGS Datasheet HTML 6Page - Texas Instruments TPS2490DGS Datasheet HTML 7Page - Texas Instruments TPS2490DGS Datasheet HTML 8Page - Texas Instruments TPS2490DGS Datasheet HTML 9Page - Texas Instruments TPS2490DGS Datasheet HTML 10Page - Texas Instruments TPS2490DGS Datasheet HTML 11Page - Texas Instruments TPS2490DGS Datasheet HTML 12Page - Texas Instruments TPS2490DGS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
I
LIM +
50 mV
R
S
TPS2490
TPS2491
SLVS503 – NOVEMBER 2003
DETAILED PIN DESCRIPTION
The following description relies on the typical application diagram shown on page 1, and the functional block
diagram.
VCC:
This pin is associated with three functions: 1) biasing power to the integrated circuit, 2) input to power on
reset (POR) and under voltage lockout (UVLO) functions, and 3) voltage sense at one terminal of RS for M1
current measurement. The voltage must exceed the POR (about 6 V for roughly 400
µ S) and the internal UVLO
(about 8 V) before normal operation (driving the GATE) may begin. Connections to VCC should be designed to
minimize RS voltage sensing errors and to maximize the effect of C1 and D1; place C1 at RS rather than at the IC
pin to eliminate transient sensing errors. GATE, PROG, PG, and TIMER are held low when either UVLO or POR
are active.
SENSE:
Monitors the voltage at the drain of M1, and the downstream side of RS providing the constant power
limit engine with feedback of both M1 current (ID) and voltage (VDS). Voltage is determined by the difference
between SENSE and OUT, while the current analog is the difference between VCC and SENSE. The constant
power engine uses VDS to compute the allowed ID and is clamped to 50 mV, acting like a traditional current limit
at low VDS. The current limit is set by the following equation:
Design the connections to SENSE to minimize RS voltage sensing errors. Don’t drive SENSE to a large voltage
difference from VCC because it is internally clamped to VCC. The current limit function can be disabled by
connecting SENSE to VCC.
GATE:
Provides the high side (above VCC) gate drive for M1. It is controlled by the internal gate drive amplifier,
which provides a pull-up of 22
µA from an internal charge pump and a strong pull-down to ground of 75 mA
(min). The pull-down current is a non-linear function of the amplifier overdrive; it provides small drive for small
overloads, but large overdrive for fast reaction to an output short. There is a separate pull-down of 2 mA to shut
M1 off when EN or the UVLO cause this to happen. An internal clamp protects the gate of M1 (to OUT) and
generally eliminates the need for an external clamp in almost all cases for devices with 20 V VGS(MAX) ratings; an
external Zener may be required to protect the gate of devices with VGS(MAX) < 16 V. A small series resistance
(R5) of 10
Ω should be inserted in the gate lead if the C
ISSof M1 > 200 pF, otherwise use 33 Ω for small
MOSFETs.
A capacitor can be connected from GATE to ground to create a slower inrush with a constant current profile
without affecting the amplifier stability. Add a series resistor of about 1 k
Ω to the gate capacitor to maintain the
gate clamping and current limit response time.
OUT:
This input pin is used by the constant power engine and the PG comparator to measure VDS of M1 as
V(VCC–SENSE). Internal protection circuits leak a small current from this pin when it is low. If the load circuit can
drive OUT below ground, connect a clamp (or freewheel) diode such as an S1B from OUT (cathode) to GND
(anode).
EN:
The GATE driver is enabled if the positive threshold is exceeded and the internal POR and UVLO thresholds
have been satisfied. EN can be used as a logic control input, an analog input voltage monitor as illustrated by
R1/R2 in the typical application circuit on page 1, or it can be tied to VCC to always enable the TPS2490/91. The
hysteresis associated with the internal comparator makes this a stable method of detecting a low input condition
and shutting the downstream circuits off. A TPS2490 that has latched off can be reset by cycling EN below its
negative threshold and back high.
VREF:
Provides a 4.0-V reference voltage for use in conjunction with R3/R4 of the typical application circuit to
set the voltage on the PROG pin. The reference voltage is available once the internal POR and UVLO thresholds
have been met. It is not designed as a supply voltage for other circuitry, therefore ensure that no more than 1 mA
is drawn. Bypass capacitance is not required, but if a special application requires one, less than 1000 pF can be
placed on this pin.
PROG:
The voltage applied to this pin (0–4 V) programs the power limit used by the constant power engine.
Normally, a resistor divider R3/R4 is connected from VREF to PROG to set the power limit according to the
following equation:
9


Numéro de pièce similaire - TPS2490DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2490DGS TI-TPS2490DGS Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490DGS TI-TPS2490DGS Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490DGS TI1-TPS2490DGS Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS2490DGSG4 TI-TPS2490DGSG4 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490DGSG4 TI1-TPS2490DGSG4 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
More results

Description similaire - TPS2490DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com