Moteur de recherche de fiches techniques de composants électroniques |
|
LD1085DT25R Fiches technique(PDF) 9 Page - STMicroelectronics |
|
LD1085DT25R Fiches technique(HTML) 9 Page - STMicroelectronics |
9 / 28 page LD1085xx Electrical characteristics 9/28 Table 6. Electrical characteristics of LD1085#25 (VI = 5.5 V, CI = CO =10 µF, TA = -40 to 125 °C, unless otherwise specified). Symbol Parameter Test condition Min. Typ. Max. Unit VO Output voltage (1) IO = 0 mA, TJ = 25°C 2.475 2.5 2.525 V IO = 0 to 3 A, VI = 4.1 to 30 V 2.45 2.5 2.55 V ΔVO Line regulation IO = 0 mA, VI = 4.1 to 18 V, TJ = 25°C 0.2 4 mV IO = 0 mA, VI = 4.1 to 18 V 0.4 4 mV ΔVO Load regulation IO = 0 to 3 A, TJ = 25°C 2 10 mV IO = 0 to 3 A 4 20 mV Vd Dropout voltage IO = 3 A 1.3 1.5 V Iq Quiescent current VI ≤30 V 5 10 mA Isc Short circuit current VI - VO = 5 V 3.2 4.5 A VI - VO = 25 V 0.2 0.5 A Thermal regulation TA = 25°C, 30ms pulse 0.008 0.04 %/W SVR Supply voltage rejection f = 120 Hz, CO = 25µF, IO = 3 A VI = 7.5 ± 3 V 60 72 dB eN RMS output noise voltage (% of VO) TA = 25°C, f =10 Hz to 10 kHz 0.003 % S Temperature stability 0.5 % S Long term stability TA = 125°C, 1000 Hrs 0.5 % 1. See short-circuit current curve for available output current at fixed dropout. |
Numéro de pièce similaire - LD1085DT25R |
|
Description similaire - LD1085DT25R |