Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27C2001-12N1X Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M27C2001-12N1X
Description  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-12N1X Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M27C2001-12N1X Datasheet HTML 3Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 4Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 5Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 6Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 7Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 8Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 9Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 10Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
M27C2001
Table 9. Programming Mode AC Characteristics (1)
(TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 10. Programming Mode AC Characteristics (1)
(TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0
≤ VIN ≤ VIH
±10
µA
ICC
Supply Current
50
mA
IPP
Program Current
E= VIL
50
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
VID
A9 Voltage
11.5
12.5
V
Symbol
Alt
Parameter
Test Condi tion
Min
Max
Unit
tAVPL
tAS
Address Valid to Program Low
2
µs
tQVPL
tDS
Input Valid to Program Low
2
µs
tVPHPL
tVPS
VPP High to Program Low
2
µs
tVCHPL
tVCS
VCC High to Program Low
2
µs
tELPL
tCES
Chip Enable Low to Program Low
2
µs
tPLPH
tPW
Program Pulse Width
95
105
µs
tPHQX
tDH
Program High to Input Transition
2
µs
tQXGL
tOES
Input Transition to Output Enable Low
2
µs
tGLQV
tOE
Output Enable Low to Output Valid
100
ns
tGHQZ
(2)
tDFP
Output Enable High to Output Hi-Z
0
130
ns
tGHAX
tAH
Output Enable High to Address
Transition
0ns


Numéro de pièce similaire - M27C2001-12N1X

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C2001-12N1TR STMICROELECTRONICS-M27C2001-12N1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Description similaire - M27C2001-12N1X

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
April 2006 Rev 4
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com