Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC2142AMP Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TLC2142AMP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC2142AMP Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TLC2142AMP Datasheet HTML 3Page - Texas Instruments TLC2142AMP Datasheet HTML 4Page - Texas Instruments TLC2142AMP Datasheet HTML 5Page - Texas Instruments TLC2142AMP Datasheet HTML 6Page - Texas Instruments TLC2142AMP Datasheet HTML 7Page - Texas Instruments TLC2142AMP Datasheet HTML 8Page - Texas Instruments TLC2142AMP Datasheet HTML 9Page - Texas Instruments TLC2142AMP Datasheet HTML 10Page - Texas Instruments TLC2142AMP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2142C
TLE2142AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR +
Positive slew rate
AVD = – 1,
RL = 2 kن,
45
45
V/
µs
SR –
Negative slew rate
AVD = 1,
RL = 2 kن,
CL = 500 pF
42
42
V/
µs
ts
Settling time
AVD = – 1,
To 0.1%
0.16
0.16
µs
ts
Settling time
AVD
1,
2.5-V step
To 0.01%
0.22
0.22
µs
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 10 Hz
15
15
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 1 kHz
10.5
10.5
nV/
√Hz
VN(PP)
Peak-to-peak equivalent
f = 0.1 Hz to 1 Hz
0.48
0.48
µV
VN(PP)
Peak to peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz
0.51
0.51
µV
In
Equivalent input noise current
f = 10 Hz
1.92
1.92
pA/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.5
0.5
pA/
√Hz
THD+N
Total harmonic distortion plus
VO = 1 V to 3 V, RL = 2 kن,
0 0052%
0 0052%
THD + N
Total harmonic distortion plus
noise
VO 1 V to 3 V,
AVD = 2,
RL = 2 kن,
f = 10 kHz
0.0052%
0.0052%
B1
Unity-gain bandwidth
RL = 2 kن,
CL = 100 pF
5.9
5.9
MHz
Gain-bandwidth product
RL = 2 kن,CL = 100 pF,
58
58
MHz
Gain-bandwidth product
RL = 2 kن,
CL = 100 pF,
f = 100 kHz
5.8
5.8
MHz
BOM
Maximum output-swing
VO(PP) = 2 V,
RL = 2 kن,
660
660
kHz
BOM
Maximum output swing
bandwidth
VO(PP) = 2 V,
AVD = 1,
RL 2 kΩ ,
CL = 100 pF
660
660
kHz
φm
Phase margin at unity gain
RL = 2 kن,
CL = 100 pF
57
°
57
°
† RL terminates at 2.5 V.


Numéro de pièce similaire - TLC2142AMP

FabricantNo de pièceFiches techniqueDescription
logo
Radiometrix Ltd
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Texas Instruments
TLC2201 TI-TLC2201 Datasheet
944Kb / 62P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2201 TI1-TLC2201 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2201 TI1-TLC2201 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2201 TI-TLC2201 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results

Description similaire - TLC2142AMP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLE2227 TI-TLE2227 Datasheet
492Kb / 31P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLE2227 TI1-TLE2227_05 Datasheet
520Kb / 32P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027 TI-TLE2027 Datasheet
562Kb / 35P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144 TI-TLE2144 Datasheet
898Kb / 60P
[Old version datasheet]   EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI1-TLE214X_16 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com