Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PH320240T-004-IC1Q Fiches technique(PDF) 17 Page - Powertip Technology

No de pièce PH320240T-004-IC1Q
Description  STANDARD VALUE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERTIP [Powertip Technology]
Site Internet  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PH320240T-004-IC1Q Fiches technique(HTML) 17 Page - Powertip Technology

Back Button PH320240T-004-IC1Q Datasheet HTML 13Page - Powertip Technology PH320240T-004-IC1Q Datasheet HTML 14Page - Powertip Technology PH320240T-004-IC1Q Datasheet HTML 15Page - Powertip Technology PH320240T-004-IC1Q Datasheet HTML 16Page - Powertip Technology PH320240T-004-IC1Q Datasheet HTML 17Page - Powertip Technology PH320240T-004-IC1Q Datasheet HTML 18Page - Powertip Technology PH320240T-004-IC1Q Datasheet HTML 19Page - Powertip Technology PH320240T-004-IC1Q Datasheet HTML 20Page - Powertip Technology PH320240T-004-IC1Q Datasheet HTML 21Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PH320240T-004-IC1Q Ver.0
Page17
32
R4
Red data bit 4
33
R5
Red data bit 5
34
R6
Red data bit 6
35
R7
Red data bit 7
36
HSYNC
Horizontal sync input
37
VSYNC
Vertical sync input
38
DCLK
Dot data clock
39
VDD
Analog power
40
VDD
Analog power
41
VCC
Digital power
42
VCC
Digital power
43
NC
Not used , Must be open
44
NC
Not used , Must be open
45
VGL
Gate off power
46
NC
Not used , Must be open
47
VGH
Gate on power
48
NC
Not used , Must be open
49
NC
Not used , Must be open
50
NC
Not used , Must be open
51
VCOM
Driving input
52
ENB
Data enable control
53
GND
Ground
54
VSS
Ground


Numéro de pièce similaire - PH320240T-004-IC1Q

FabricantNo de pièceFiches techniqueDescription
logo
Powertip Technology
PH320240-A POWERTIP-PH320240-A Datasheet
606Kb / 1P
   POWERTIP
More results

Description similaire - PH320240T-004-IC1Q

FabricantNo de pièceFiches techniqueDescription
logo
Powertip Technology
PS240128WRF POWERTIP-PS240128WRF Datasheet
445Kb / 27P
   Standard Value
logo
Tripp Lite. All Rights ...
SR2000 TRIPPLITE-SR2000 Datasheet
159Kb / 3P
   SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet
logo
OSRAM GmbH
VF900-G2 OSRAM-VF900-G2 Datasheet
382Kb / 4P
   Value Flex
VF600-G2 OSRAM-VF600-G2 Datasheet
379Kb / 4P
   Value Flex
VF1500-G1 OSRAM-VF1500-G1 Datasheet
380Kb / 4P
   Value Flex
logo
Texas Instruments
CC110L TI1-CC110L_12 Datasheet
1Mb / 85P
[Old version datasheet]   Value Line Transceiver
logo
Festo Corporation.
542117 FESTO-542117 Datasheet
75Kb / 2P
   Measured-value transducer
4/20/22
logo
Texas Instruments
CC110LRGPR TI-CC110LRGPR Datasheet
1Mb / 84P
[Old version datasheet]   Value Line Transceiver
CC115LRTKT TI-CC115LRTKT Datasheet
1Mb / 60P
[Old version datasheet]   Value Line Transmitter
logo
Murata Manufacturing Co...
SV03A103AEA01B00 MURATA-SV03A103AEA01B00 Datasheet
191Kb / 3P
   Total Resistance Value
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com