Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMBT3904G Fiches technique(PDF) 3 Page - Zowie Technology Corporation

No de pièce MMBT3904G
Description  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT3904G Fiches technique(HTML) 3 Page - Zowie Technology Corporation

  MMBT3904G Datasheet HTML 1Page - Zowie Technology Corporation MMBT3904G Datasheet HTML 2Page - Zowie Technology Corporation MMBT3904G Datasheet HTML 3Page - Zowie Technology Corporation MMBT3904G Datasheet HTML 4Page - Zowie Technology Corporation MMBT3904G Datasheet HTML 5Page - Zowie Technology Corporation MMBT3904G Datasheet HTML 6Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Zowie Technology Corporation
REV. 0
Zowie Technology Corporation
MMBT3904G
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
+ 3 V
275
10 k
1N916
CS < 4 pF*
+3 V
275
10 k
CS < 4 pF*
< 1 ns
±0.5 V
+10.9 V
300 ns
DUTY CYCLE = 2%
< 1 ns
- 9.1 V
+10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1< 500us
* Total shunt capacitance of test jig and connectors
REVERSE BIAS VOLTAGE ( VOLTS )
2.0
3.0
5.0
7.0
10
1.0
0.1
IC, COLLECTOR CURRENT ( mA )
5000
1.0
3000
2000
1000
500
300
200
700
100
50
70
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
1.0
2.0 3.0
5.0 7.0 10
20 30 40
0.2 0.3
0.5 0.7
Cibo
Cobo
TJ=25
o
C
TJ=125
o
C
TYPICAL TRANSIENT CHARACTERISTICS
VCC=40 V
IC/IB=10
Figure 3. Capacitance
Figure 4. Charge Data
QT
QA


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn