Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33897EF/R2 Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc

No de pièce MCZ33897EF/R2
Description  Single Wire CAN Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33897EF/R2 Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33897EF/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33897EF/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33897EF/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33897EF/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33897EF/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33897EF/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33897EF/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33897EF/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33897EF/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33897/A/B/C/D/T
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions of -40
°C ≤ T
A ≤ 125°C, unless otherwise stated. Voltages are relative to GND unless
otherwise noted. All positive currents are into the terminal. All negative currents are out of the terminal.
Characteristic
Symbol
Min
Typ
Max
Unit
BUS
Normal Speed Rising Output Delay
200
Ω ≤ R
L ≤ 3332 Ω, 1.0 µs ≤ Load Time Constants ≤ 4.0 µs
Measured from TXD = VIL to VBUS as follows:
Max Time to VBUSMOD = 3.7 V, 6.0 V ≤ VBATT ≤ 26.5 V
(12)
Min Time to VBUSMOD = 1.0 V, 6.0 V ≤ VBATT ≤ 26.5 V
(12)
Max Time to VBUSMOD = 2.7 V, VBATT = 5.0 V
(12)
Min Time to VBUSMOD = 1.0 V, VBATT = 5.0 V
(12)
tDLYNORMRO
2.0
6.3
µs
Normal Speed Falling Output Delay
200
Ω ≤ R
L ≤ 3332 Ω, 1.0 µs ≤ Load Time Constants ≤ 4.0 µs
Measured from TXD = VIH to VBUS as follows:
Max Time to VBUSMOD = 1.0 V, 6.0 V ≤ VBATT ≤ 26.5 V
(12)
Min Time to VBUSMOD = 3.7 V, 6.0 V ≤ VBATT ≤ 26.5 V
(12)
Max Time to VBUSMOD = 1.0 V, VBATT = 5.0 V
(12)
Min Time to VBUSMOD = 2.7 V, VBATT = 5.0 V
(12)
tDLYNORMFO
1.8
8.5
µs
High-Speed Rising Output Delay
75
Ω ≤ R
L ≤ 135 Ω, 0.0 µs ≤ Load Time Constants ≤ 1.5 µs,
8.0 V
≤ V
BATT ≤ 16 V
Measured from TXD = VIL to VBUS as follows:
Max Time to VBUS = 3.7 V
(13)
Min Time to VBUS = 1.0 V
(13)
tDLYHSRO
0.1
1.7
µs
High-Speed Falling Output Delay
75
Ω ≤ R
L ≤ 135 Ω, 0.0 µs ≤ Load Time Constants ≤ 1.5 µs,
8.0 V
≤ V
BATT ≤ 16 V
Measured from TXD = VIH to VBUS as follows:
Max Time to VBUS = 1.0 V
(13)
Min Time to VBUS = 3.7 V
(13)
tDLYHSFO
0.04
3.0
µs
Notes
12.
VBUSMOD is the voltage at the BUSMOD node in Figure 7, page 15.
13.
VBUS is the voltage at the BUS terminal in Figure 8, page 15.


Numéro de pièce similaire - MCZ33897EF/R2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33897EF/R2 FREESCALE-MCZ33897EF/R2 Datasheet
770Kb / 21P
   Single Wire CAN Transceiver
More results

Description similaire - MCZ33897EF/R2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_07 Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com