Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN7414DR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN7414DR
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN7414DR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN7414DR Datasheet HTML 6Page - Texas Instruments SN7414DR Datasheet HTML 7Page - Texas Instruments SN7414DR Datasheet HTML 8Page - Texas Instruments SN7414DR Datasheet HTML 9Page - Texas Instruments SN7414DR Datasheet HTML 10Page - Texas Instruments SN7414DR Datasheet HTML 11Page - Texas Instruments SN7414DR Datasheet HTML 12Page - Texas Instruments SN7414DR Datasheet HTML 13Page - Texas Instruments SN7414DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SN5414, SN54LS14,
SN7414, SN74LS14
HEX SCHMITT-TRIGGER INVERTERS
SDLS049B – DECEMBER 1983 – REVISED FEBRUARY 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS OF ’LS14 CIRCUITS
Figure 10
1.64
1.62
1.61
1.60
1.66
1.67
POSITIVE-GOING THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
1.70
1.65
1.63
VCC = 5 V
1.68
1.69
TA – Free-Air Temperature – °C
–25
–50
–75
0
25
50
75
100
125
Figure 11
0.84
0.82
0.81
0.80
0.86
0.87
NEGATIVE-GOING THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
0.90
0.85
0.83
VCC = 5 V
0.88
0.89
–25
–50
–75
0
25
50
75
100
125
TA – Free-Air Temperature – °C
Figure 12
790
770
760
750
810
820
HYSTERESIS
vs
FREE-AIR TEMPERATURE
850
800
780
VCC = 5 V
830
840
–25
–50
–75
0
25
50
75
100
125
TA – Free-Air Temperature – °C
Figure 13
760
740
780
800
820
DISTRIBUTION OF UNITS
FOR HYSTERESIS
840
860
880
VT+ – VT– – Hysteresis – mV
VCC = 5 V
TA = 25°C
720
99% ARE
ABOVE
735 mV
† Data for temperatures below 0
°C and above 70°C and supply voltage below 4.75 V and above 5.25 V are applicable for SN5414 only.


Numéro de pièce similaire - SN7414DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN7414DR TI-SN7414DR Datasheet
611Kb / 10P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN7414DR TI-SN7414DR Datasheet
960Kb / 27P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN7414DR TI1-SN7414DR Datasheet
939Kb / 27P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN7414DRE4 TI-SN7414DRE4 Datasheet
611Kb / 10P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN7414DRE4 TI-SN7414DRE4 Datasheet
960Kb / 27P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Description similaire - SN7414DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com