Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1697VGAA Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce UC1697VGAA
Description  128 x 128RGB C-STN LCD Controller-Driver w/ 16-bit per RGB On-Chip SRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

UC1697VGAA Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  UC1697VGAA Datasheet HTML 1Page - List of Unclassifed Manufacturers UC1697VGAA Datasheet HTML 2Page - List of Unclassifed Manufacturers UC1697VGAA Datasheet HTML 3Page - List of Unclassifed Manufacturers UC1697VGAA Datasheet HTML 4Page - List of Unclassifed Manufacturers UC1697VGAA Datasheet HTML 5Page - List of Unclassifed Manufacturers UC1697VGAA Datasheet HTML 6Page - List of Unclassifed Manufacturers UC1697VGAA Datasheet HTML 7Page - List of Unclassifed Manufacturers UC1697VGAA Datasheet HTML 8Page - List of Unclassifed Manufacturers UC1697VGAA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
UC1697v
128x128RGB CSTN Controller-Driver
Revision A_0.6
1
UC1697v
Single-Chip, Ultra-Low Power
128COM x 128RGB Matrix
Passive Color LCD Controller-Driver
INTRODUCTION
UC1697v is an advanced high-voltage mixed-
signal CMOS IC, specially designed for the
display needs of low power hand-held devices.
In addition to low power COM and SEG drivers,
UC1697v contains all necessary circuits for high-
V LCD power supply, bias voltage generation,
temperature compensation, timing generation,
and graphics data memory.
UC1697v employs UltraChip’s unique DCC
(Direct Capacitor Coupling) driver architecture
and LRM (Line Rate Modulation) gray-shade
modulation scheme to achieve well balanced
shading, vivid colors, and natural-looking images.
With UC1697v, LCD makers can now achieve
TFT-like image quality, while maintaining the
same STN advantages in power consumption,
unit cost, ease of customization and production
flexibility.
MAIN APPLICATIONS
Cellular Phones and other battery operated
hand held devices or portable Instruments
FEATURE HIGHLIGHTS
Single chip controller-driver for 128x128
matrix C-STN LCD with comprehensive
support for input format and color depth:
8-bit RGB:
256-color
12-bit RGB:
4K-color
16-bit RGB:
64K-color
A software-readable ID bit (ID0) to support
configurable vender identification.
ID pin (ID1)-switched input data sets (D[7:0]
or D[14,12,10,8,6,4,2,0]) for 8-bit mode.
Partial scroll function and programmable
data update window to support flexible
manipulation of screen data.
Support both row-ordered and column-
ordered display buffer RAM access.
Support industry standard 4-wire, 3/4-wire,
and 3-wire serial bus (S8, S8uc, S9) and
16-bit/8-bit parallel bus (8080 or 6800).
Special driver structure and gray shade
modulation scheme. Low power
consumption under all display patterns.
Fully programmable Mux Rate, partial
display window, Bias Ratio and Line Rate
allow many flexible power management
options.
Four software programmable temperature
compensation coefficients.
Software programmable, self-configuring
10x charge pump.
Flexible data addressing/mapping schemes
to support wide ranges of software models
and LCD layout placements.
Pad layouts support COG applications.
VDD (digital) range:
1.8V(Typ.) ~ 3.3V
VDD (analog) range: 2.6V(Typ.) ~ 3.3V
LCD VOP range:
6.4V ~ 16.5V
Available MTP trimming supports precise
LCD contrast matching.
Available in gold bump dies.
COM/SEG bump information
Bump pitch:
26.5
µM
Bump gap:
12.0
µM
Bump surface:
2001
µM2


Numéro de pièce similaire - UC1697VGAA

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC1602I ETC2-UC1602I Datasheet
705Kb / 38P
   65x102 Matrix LCD Controller-Driver
UC1606 ETC1-UC1606 Datasheet
877Kb / 46P
   65COM x 132SEG Matrix LCD Controller-Driver
logo
ECM Electronics Limited...
UC1606 ECM-UC1606 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-100 ECM-UC1606T-100 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-101 ECM-UC1606T-101 Datasheet
102Kb / 5P
   Power Inductors
More results

Description similaire - UC1697VGAA

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJU6824 NJRC-NJU6824 Datasheet
982Kb / 110P
   128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
logo
STMicroelectronics
STE2001 STMICROELECTRONICS-STE2001 Datasheet
342Kb / 36P
   65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
   81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
logo
Samsung semiconductor
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002_06 Datasheet
508Kb / 61P
   81 x 128 single-chip LCD controller/driver
logo
New Japan Radio
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com