Moteur de recherche de fiches techniques de composants électroniques |
|
CD54HC534F3A Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
CD54HC534F3A Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 16 page 6 Output Disable to Q (564) tPLZ,tPHZ CL = 50pF 2 - - 135 - 170 - 205 ns 4.5 - - 27 - 34 - 41 ns CL = 15pF 5 - 12 - - - - - ns CL = 50pF 6 - - 23 - 29 - 35 ns Output Enable to Q tPZL,tPZH CL = 50pF 2 - - 150 - 190 - 225 ns 4.5 - - 30 - 38 - 45 ns CL = 15pF 5 - 12 - - - - - ns CL = 50pF 6 - - 26 - 33 - 38 ns Maximum Clock Frequency fMAX CL = 15pF 5 - 60 - - - - - MHz Output Transition Time tTHL, tTLH CL = 50pF 2 - - 60 - 75 - 90 ns 4.5 - - 12 - 15 - 18 ns 6 - - 10 - 13 - 15 ns Input Capacitance CI CL = 50pF - 10 - 10 - 10 - 10 pF Three-State Output Capacitance CO - - 20 - 20 - 20 - 20 pF Power Dissipation Capacitance (Notes 3, 4) CPD -5 - 32 - - - - - pF HCT TYPES Propagation Delay tPHL, tPLH Clock to Output CL = 50pF 4.5 - - 35 - 44 - 53 ns CL = 15pF 5 - 14 - - - - - ns Output Disable to Q tPLZ,tPHZ CL = 50pF 4.5 - - 30 - 38 - 45 ns CL = 15pF 5 - 12 - - - - - ns Output Enable to Q tPZL,tPZH CL = 50pF 4.5 - - 35 - 44 - 53 ns CL = 15pF 5 - 14 - - - - - ns Maximum Clock Frequency fMAX CL = 15pF 5 - 50 - - - - - MHz Output Transition Time tTLH, tTHL CL = 50pF 4.5 - - 12 - 15 - 18 ns Input Capacitance CI CL = 50pF - 10 - 10 - 10 - 10 pF Three-State Output Capacitance CO - - 20 - 20 - 20 - 20 pF Power Dissipation Capacitance (Notes 3, 4) CPD -5 - 36 - - - - - pF NOTES: 3. CPD is used to determine the dynamic power consumption, per package. 4. PD =CPD VCC 2 f i + ∑ CL VCC 2 f O where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply Voltage. Switching Specifications CL = 50pF, Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX CD54/74HC534, CD54/74HCT534, CD54/74HC564, CD54/74HCT564 |
Numéro de pièce similaire - CD54HC534F3A |
|
Description similaire - CD54HC534F3A |