Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD62594AFNG Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TD62594AFNG
Description  8CH SINGLE DRIVER : COMMON EMITTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62594AFNG Fiches technique(HTML) 8 Page - Toshiba Semiconductor

  TD62594AFNG Datasheet HTML 1Page - Toshiba Semiconductor TD62594AFNG Datasheet HTML 2Page - Toshiba Semiconductor TD62594AFNG Datasheet HTML 3Page - Toshiba Semiconductor TD62594AFNG Datasheet HTML 4Page - Toshiba Semiconductor TD62594AFNG Datasheet HTML 5Page - Toshiba Semiconductor TD62594AFNG Datasheet HTML 6Page - Toshiba Semiconductor TD62594AFNG Datasheet HTML 7Page - Toshiba Semiconductor TD62594AFNG Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TD62593,594,597,598AFNG
2007-07-23
8
About solderability, following conditions were confirmed
• Solderability
(1) Use of Sn-37Pb solder Bath
· solder bath temperature
= 230°C
· dipping time
= 5 seconds
· the number of times
= once
· use of R-type flux
(2) Use of Sn-3.0Ag-0.5Cu solder Bath
· solder bath temperature
= 245°C
· dipping time
= 5 seconds
· the number of times
= once
· use of R-type flux
RESTRICTIONS ON PRODUCT USE
060116EBA
• The information contained herein is subject to change without notice. 021023_D
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc. 021023_A
• The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this
document shall be made at the customer’s own risk. 021023_B
• The products described in this document shall not be used or embedded to any downstream products of which
manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q
• The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of
TOSHIBA or others. 021023_C
• The products described in this document are subject to the foreign exchange and foreign trade laws. 021023_E


Numéro de pièce similaire - TD62594AFNG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62594AFN TOSHIBA-TD62594AFN Datasheet
226Kb / 5P
   8CH SINGLE DRIVER : COMMON EMITTER
More results

Description similaire - TD62594AFNG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62593AFN TOSHIBA-TD62593AFN Datasheet
226Kb / 5P
   8CH SINGLE DRIVER : COMMON EMITTER
TD62502FN TOSHIBA-TD62502FN Datasheet
211Kb / 5P
   7ch SINGLE DRIVER(COMMON EMITTER)
TD62503PA TOSHIBA-TD62503PA Datasheet
192Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62503FB TOSHIBA-TD62503FB Datasheet
194Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62502FNG TOSHIBA-TD62502FNG Datasheet
144Kb / 8P
   7ch Single Driver: Common Emitter
TD62583AP TOSHIBA-TD62583AP Datasheet
208Kb / 6P
   8CH SINGLE DRIVER
TD62591AP TOSHIBA-TD62591AP Datasheet
335Kb / 8P
   8CH SINGLE DRIVER
TD62551S TOSHIBA-TD62551S Datasheet
168Kb / 4P
   4CH SINGLE DIRVER : COMMON EMITTER
logo
Sanyo Semicon Device
LV5212VH SANYO-LV5212VH_10 Datasheet
141Kb / 9P
   8ch LED Driver
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com