Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7400D Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 5Page - STMicroelectronics TDA7400D Datasheet HTML 6Page - STMicroelectronics TDA7400D Datasheet HTML 7Page - STMicroelectronics TDA7400D Datasheet HTML 8Page - STMicroelectronics TDA7400D Datasheet HTML 9Page - STMicroelectronics TDA7400D Datasheet HTML 10Page - STMicroelectronics TDA7400D Datasheet HTML 11Page - STMicroelectronics TDA7400D Datasheet HTML 12Page - STMicroelectronics TDA7400D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTR
Trigger Threshold
0) 1)
meas. with VPEAK = 0.9V
NBT = 111
(c)
30
(c)
mVOP
NBT = 110
(c)
35
(c)
mVOP
NBT = 101
(c)
40
(c)
mVOP
NBT = 100
(c)
45
(c)
mVOP
NBT = 011
(c)
50
(c)
mVOP
NBT = 010
(c)
55
(c)
mVOP
NBT = 001
(c)
60
(c)
mVOP
NBT = 000
(c)
65
(c)
mVOP
VTRNOISE
Noise Controlled Trigger
Threshold
2)
meas. with VPEAK = 1.5V
NCT = 00
(c)
260
(c)
mVOP
NCT = 01
(c)
220
(c)
mVOP
NCT = 10
(c)
180
(c)
mVOP
NCT = 11
(c)
140
(c)
mVOP
VRECT
Rectifier Voltage
VMPX = 0mV
NRD
6) = 00
0.5
0.9
1.3
V
VMPX = 50mV; f = 150KHz
1.5
1.7
2.1
V
VMPX = 200mV; f = 150KHz
2.2
2.5
2.9
V
VRECT DEV
deviation dependent
rectifier Voltage
3)
means. with
VMPX = 800mV
(75KHz dev.)
OVD = 11
0.5
0.9(off)
1.3
VOP
OVD = 10
0.9
1.2
1.5
VOP
OVD = 01
1.7
2.0
2.3
VOP
OVD = 00
2.5
2.8
3.1
VOP
VRECT FS
Fieldstrength Controlled
Rectifier Voltage
4)
means. with
VMPX = 0mV
VLEVEL << VSBL
(fully mono)
FSC = 11
0.5
0.9(off)
1.3
V
FSC = 10
0.9
1.4
1.5
V
FSC = 01
1.7
1.9
2.3
V
FSC = 00
2.1
2.4
3.1
V
TS
Suppression Pulse
Duration
5)
Signal HOLDN
in Testmode
BLT = 00
TBD
38
TBD
µs
BLT = 10
TBD
32
TBD
µs
BLT = 01
TBD
25.5
TBD
µs
BLT = 00
TBD
22
TBD
µs
VRECTADJ
Noise Rectifier
discharge adjustment
6)
Signal PEAK in
Testmode
NRD = 00
6)
(c)
0.3
(c)
V/ms
NRD = 01
6)
(c)
0.8
(c)
V/ms
NRD = 10
6)
(c)
1.3
(c)
V/ms
NRD = 11
6)
(c)
2.0
(c)
V/ms
SRPEAK
Noise Rectifier Charge
Signal PEAK in
Testmode
PCH = 0
7)
(c)
10
(c)
mV/
µs
PCH = 1
7)
(c)
20
(c)
mV/
µs
(c) = by design/characterization functionally guaranteed through dedicated test mode structure
NOISE BLANKER PART
internal 2nd order 140kHz high pass filter
programmable trigger threshold
trigger threshold dependent on high frequency
noise with programmable gain
additional circuits for deviation and field-
strength dependent trigger adjustment
very low offset current during hold time due to
opamps wMOS inputs
four selectable pulse suppression times
programmable noise rectifier charge/discharge
current
TDA7400D
9/28


Numéro de pièce similaire - TDA7400D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7400 STMICROELECTRONICS-TDA7400 Datasheet
209Kb / 28P
   ADVANCED CAR SIGNAL PROCESSOR
July 1999
More results

Description similaire - TDA7400D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7400 STMICROELECTRONICS-TDA7400 Datasheet
209Kb / 28P
   ADVANCED CAR SIGNAL PROCESSOR
July 1999
TDA7407 STMICROELECTRONICS-TDA7407_07 Datasheet
647Kb / 46P
   Advanced car signal processor
TDA7411 STMICROELECTRONICS-TDA7411 Datasheet
581Kb / 43P
   ADVANCED CAR SIGNAL PROCESSOR
TDA7407D STMICROELECTRONICS-TDA7407D Datasheet
899Kb / 34P
   ADVANCED CAR SIGNAL PROCESSOR
TDA7407 STMICROELECTRONICS-TDA7407 Datasheet
470Kb / 30P
   ADVANCED CAR SIGNAL PROCESSOR
June 2001
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com