Moteur de recherche de fiches techniques de composants électroniques |
|
TPSMB33A Fiches technique(PDF) 1 Page - Vishay Siliconix |
|
TPSMB33A Fiches technique(HTML) 1 Page - Vishay Siliconix |
1 / 5 page TPSMB6.8 thru TPSMB43A Vishay General Semiconductor www.vishay.com Document Number: 88406 Revision: 10-May-07 158 Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions FEATURES • Patented PAR® construction • Available in uni-directional polarity only • 600 W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle): 0.01 % • Excellent clamping capability • Very fast response time • Low incremental surge resistance • Meets MSL level 1, per J-STD-020C, LF max peak of 260 °C • Solder dip 260 °C, 40 seconds • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication. MECHANICAL DATA Case: DO-214AA (SMB) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002B and JESD22-B102D HE3 suffix for high reliability grade (AEC Q101 qualified) Polarity: Color band denotes cathode end PRIMARY CHARACTERISTICS VBR 6.8 V to 43 V PPPM 600 W IFSM 75 A TJ max. 185 °C DO-214AA (SMB) Patented* *Patent #'s 4,980,315 5,166,769 5,278,094 Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2 (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) land areas per figure (3) Mounted on 8.3 ms single half sine-wave duty cycle = 4 pulses per minute maximum MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Peak pulse power dissipation with a 10/1000 µs waveform (1)(2) (Fig. 1) PPPM 600 W Peak pulse current with a 10/1000 µs waveform (1) (Fig. 3) IPPM See next table A Peak forward surge current 8.3 ms single half sine-wave (2)(3) IFSM 75 A Instantaneous forward voltage at 50 A (3) VF 3.5 V Operating junction and storage temperature range TJ, TSTG - 65 to + 185 °C |
Numéro de pièce similaire - TPSMB33A |
|
Description similaire - TPSMB33A |