Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61055DRC Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS61055DRC
Description  HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61055DRC Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS61055DRC Datasheet HTML 4Page - Texas Instruments TPS61055DRC Datasheet HTML 5Page - Texas Instruments TPS61055DRC Datasheet HTML 6Page - Texas Instruments TPS61055DRC Datasheet HTML 7Page - Texas Instruments TPS61055DRC Datasheet HTML 8Page - Texas Instruments TPS61055DRC Datasheet HTML 9Page - Texas Instruments TPS61055DRC Datasheet HTML 10Page - Texas Instruments TPS61055DRC Datasheet HTML 11Page - Texas Instruments TPS61055DRC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3 5.5
V -InputVoltage-V
I
I
=1500mA
LIM
I
=500mA
LED
I
=700mA
LED
0
200
400
600
800
1000
1200
1400
250
350
450
550
650
750
850
950
1050
LEDPinHeadroomVoltage-mV
I
=75mA
LED
I
=1500mA
LIM
I
=700mA
LED
I
=500mA
LED
0
10
20
30
40
50
60
70
80
90
100
0
1
10
100
1000
10000
I
-OutputCurrent-mA
O
V
=5V,
I
=1500mA
OUT
LIM
V
=4.2V
IN
V
=3V
IN
V
=2.5V
IN
V
=3.6V
IN
4.85
4.90
4.95
5
5.05
5.10
5.15
0.1
1
10
100
1000
10000
I
-OutputCurrent-mA
O
V
=5V,
I
=1500mA
OUT
LIM
V
=3.6V
IN
V
=2.5V
IN
V
=4.2V
IN
V
=3V
IN
TPS61054, TPS61055
SLUS760 – SEPTEMBER 2007
DC INPUT CURRENT
LED CURRENT
vs
vs
INPUT VOLTAGE
LED PIN HEADROOM VOLTAGE
Figure 5.
Figure 6.
VOLTAGE MODE EFFICIENCY
DC OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :TPS61054, TPS61055


Numéro de pièce similaire - TPS61055DRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61055DRC TI-TPS61055DRC Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61055DRCR TI-TPS61055DRCR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61055DRCR TI1-TPS61055DRCR Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61055DRCT TI-TPS61055DRCT Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61055DRCT TI1-TPS61055DRCT Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
More results

Description similaire - TPS61055DRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050 TI-TPS61050 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Texas Instruments
LM3561 TI1-LM3561 Datasheet
2Mb / 36P
[Old version datasheet]   LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com