Moteur de recherche de fiches techniques de composants électroniques |
|
TPS61054DRC Fiches technique(PDF) 8 Page - Texas Instruments |
|
TPS61054DRC Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 24 page www.ti.com 0 250 500 750 1000 1250 1500 1750 2000 2250 2500 2.5 2.9 3.3 3.7 4.1 4.5 4.9 5.3 5.5 V -InputVoltage-V I I =1500mA LIM I =500mA LED I =700mA LED 0 200 400 600 800 1000 1200 1400 250 350 450 550 650 750 850 950 1050 LEDPinHeadroomVoltage-mV I =75mA LED I =1500mA LIM I =700mA LED I =500mA LED 0 10 20 30 40 50 60 70 80 90 100 0 1 10 100 1000 10000 I -OutputCurrent-mA O V =5V, I =1500mA OUT LIM V =4.2V IN V =3V IN V =2.5V IN V =3.6V IN 4.85 4.90 4.95 5 5.05 5.10 5.15 0.1 1 10 100 1000 10000 I -OutputCurrent-mA O V =5V, I =1500mA OUT LIM V =3.6V IN V =2.5V IN V =4.2V IN V =3V IN TPS61054, TPS61055 SLUS760 – SEPTEMBER 2007 DC INPUT CURRENT LED CURRENT vs vs INPUT VOLTAGE LED PIN HEADROOM VOLTAGE Figure 5. Figure 6. VOLTAGE MODE EFFICIENCY DC OUTPUT VOLTAGE vs vs LOAD CURRENT OUTPUT CURRENT Figure 7. Figure 8. 8 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s) :TPS61054, TPS61055 |
Numéro de pièce similaire - TPS61054DRC |
|
Description similaire - TPS61054DRC |