Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62270DRVR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62270DRVR
Description  2.25 MHz 400-mA Step Down Converter With Selectable VOUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62270DRVR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS62270DRVR Datasheet HTML 3Page - Texas Instruments TPS62270DRVR Datasheet HTML 4Page - Texas Instruments TPS62270DRVR Datasheet HTML 5Page - Texas Instruments TPS62270DRVR Datasheet HTML 6Page - Texas Instruments TPS62270DRVR Datasheet HTML 7Page - Texas Instruments TPS62270DRVR Datasheet HTML 8Page - Texas Instruments TPS62270DRVR Datasheet HTML 9Page - Texas Instruments TPS62270DRVR Datasheet HTML 10Page - Texas Instruments TPS62270DRVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
0.870
0.880
0.890
0.900
0.910
0.920
0.930
PFMMODE,VoltagePositioning
V =2.3V
I
V =3.3V
I
V =2.7V
I
V =4.2V
I
V =5V
I
V =3.6V
I
V
=0.9V,
T =25°C
O
A
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
1.1
1.15
1.2
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V
=1.15V,
T =85°C
O
A
PFMMODE,VoltagePositioning
V =3.6V
I
V =4.2V
I
V =5V
I
V =2.3V
I
V =2.7V
I
V =3.3V
I
0.870
0.880
0.890
0.900
0.910
0.920
0.930
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
PFMMODE,VoltagePositioning
V
=0.9V,
T =85°C
O
A
V =2.3V
I
V =2.7V
I
V =3.3V
I
V =3.6V
I
V =4.2V
I
V =5V
I
0.870
0.880
0.890
0.900
0.910
0.920
0.930
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V
=0.9V,
T =-40°C
O
A
PFMMODE,VoltagePositioning
V =2.7V
I
V =3.3V
I
V =3.6V
I
V =4.2V
I
V =5V
I
V =2.3V
I
TPS62270
SLVS799A – NOVEMBER 2007 – REVISED NOVEMBER 2007
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62270


Numéro de pièce similaire - TPS62270DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62270DRVR TI-TPS62270DRVR Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRVR TI-TPS62270DRVR Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRVRG4 TI-TPS62270DRVRG4 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRVRG4 TI-TPS62270DRVRG4 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results

Description similaire - TPS62270DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com