Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX2147 Fiches technique(PDF) 2 Page - Pulse A Technitrol Company

No de pièce CX2147
Description  RF TRANSFORMER For Wideband RF Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSE [Pulse A Technitrol Company]
Site Internet  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX2147 Fiches technique(HTML) 2 Page - Pulse A Technitrol Company

  CX2147 Datasheet HTML 1Page - Pulse A Technitrol Company CX2147 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For More Information :
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
©2004, Pulse Engineering, Inc. All Rights Reserved
C242.A (5/04)
Application Notes
A. Bandwidth specifications are typical in a 75
Ω system.
B. Materials used in the products are UL94-V0 recognized.
Products meet requirements of IEC 695-2-2 (Needle Flame Test).
C. For additional impedance ratios and frequency ranges, please
contact Applications Engineering.
Notes from Tables
1. Impedance and turns ratios are specified primary:secondary.
(CT=Center Tap).
2. Bandwidth is referenced to midband loss.
3. These transformers are verified to operate from -40°C to
+85°C. Contact Applications Engineering for performance data.
RF TRANSFORMER
For Wideband RF Applications
CX2147 - Typical Insertion Loss
Frequency (MHz)
0
1
50
100
150
200
0.5
1.0
1.5
2.0
CX2074 - Typical Insertion Loss
Frequency (MHz)
0
1
100
200
300
500
1
2
3
4
UNITED STATES
(Worldwide)
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
http://www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
UNITED KINGDOM
(Northern Europe)
1 & 2 Huxley Road
The Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
FRANCE
(Southern Europe)
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
TAIWAN, R.O.C.
(Northern Asia)
3F-4, No. 81, Sec. 1
HsinTai Wu Road
Hsi-Chih, Taipei Hsien
Taiwan, R.O.C.
Tel: 886 2 2698 0228
FAX: 886 2 2698 0948
SINGAPORE
(Southern Asia)
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
HONG KONG
(China/Hong Kong)
9/F, Phase 2, Tai Sang
Shatin Warehouse Centre
6 Wong Chuk Yeung Street
Fotan, Shatin, Hong Kong
TEL: 852 2788 6588
FAX: 852 2776 1055
DISTRIBUTOR


Numéro de pièce similaire - CX2147

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
CX2147 PULSE-CX2147 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX2147NL PULSE-CX2147NL Datasheet
108Kb / 1P
   RF TRANSFORMER, 1 1 CT
More results

Description similaire - CX2147

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
C2073 PULSE-C2073 Datasheet
80Kb / 2P
   RF TRANSFORMER For Wideband RF Applications
logo
List of Unclassifed Man...
7336-1 ETC1-7336-1 Datasheet
103Kb / 1P
   RF Wideband Transformer
logo
PCA ELECTRONICS INC.
EPA3877G PCA-EPA3877G_15 Datasheet
27Kb / 1P
   Wideband RF Transformer
EPR1625GE PCA-EPR1625GE Datasheet
40Kb / 1P
   Wideband RF Transformer
EPA3877G PCA-EPA3877G Datasheet
27Kb / 1P
   Wideband RF Transformer
EPA3923SE PCA-EPA3923SE Datasheet
40Kb / 1P
   Wideband RF Transformer
logo
Pulse A Technitrol Comp...
C203 PULSE-C203 Datasheet
316Kb / 3P
   RF TRANSFORMERS Transformers for Wideband RF Applications
logo
Datatronic Distribution...
PT108-1 DATATRONICS-PT108-1 Datasheet
106Kb / 1P
   WIDEBAND RF TRANSFORMER
logo
Bel Fuse Inc.
S554-5999-15 BEL-S554-5999-15 Datasheet
26Kb / 2P
   CABLE MODEM MAGNETICS Wideband RF Transformer
logo
List of Unclassifed Man...
DP-322 ETC2-DP-322 Datasheet
317Kb / 1P
   Wideband RF/Pulse Transformer 5-500 MHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com