Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1888JCPZ-REEL Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD1888JCPZ-REEL
Description  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1888JCPZ-REEL Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD1888JCPZ-REEL Datasheet HTML 5Page - Analog Devices AD1888JCPZ-REEL Datasheet HTML 6Page - Analog Devices AD1888JCPZ-REEL Datasheet HTML 7Page - Analog Devices AD1888JCPZ-REEL Datasheet HTML 8Page - Analog Devices AD1888JCPZ-REEL Datasheet HTML 9Page - Analog Devices AD1888JCPZ-REEL Datasheet HTML 10Page - Analog Devices AD1888JCPZ-REEL Datasheet HTML 11Page - Analog Devices AD1888JCPZ-REEL Datasheet HTML 12Page - Analog Devices AD1888JCPZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD1888
Rev. A | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48 47 46
45
44 43 42
41 40 39 38 37
35
LINE_OUT_L (FRONT_L)
34
AVDD4
33
AVSS4
30
AFILT2
31
CENTER_OUT
32
LFE_OUT
36
LINE_OUT_R (FRONT_R)
29
AFILT1
28
VREFOUT
27
VREF
25
AVDD1
26
AVSS1
2
XTL_IN
3
XTL_OUT
4
DVSS1
7
DVSS2
6
BIT_CLK
5
SDATA_OUT
1
DVDD1
8
SDATA_IN
9
DVDD2
10
SYNC
12
NC
11
RESET
NC = NO CONNECT
13 14
15
16
17 18 19
20 21 22
23 24
PIN 1
AD1888
TOP VIEW
(Not to Scale)
Figure 9. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Function
DIGITAL INPUT/OUTPUT
2
XTL_IN
I
Crystal Input (24.576 MHz) or External Clock In (24.576 MHz, 14.31818 MHz, or 48000 MHz).
3
XTL_OUT
O
Crystal Output.
5
SDATA_OUT
I
AC-Link Serial Data Output. AD1888 input stream.
6
BIT_CLK
O/I
AC-Link Bit Clock. 12.288 MHz serial data clock. (Input pin for Secondary mode only.)
8
SDATA_IN
O
AC-Link Serial Data Input. AD1888 output stream.
10
SYNC
I
AC-Link Frame Sync.
11
RESET
I
AC-Link Reset. AD1888 master H/W reset.
48
SPDIF
O
SPDIF Output.
CHIP SELECTS/CLOCK STRAPPING
45
ID0
I
Chip Select Input 0 (Active Low).
46
ID1
I
Chip Select Input 1 (Active Low).
JACK SENSE AND EAPD
47
EAPD
O
EAPD Output.
17
JS0
I
Jack Sense 0 Input.
16
JS1
I
Jack Sense 1 Input.
ANALOG INPUT/OUTPUT
13
PHONE_IN
I
Monaural Line-Level Input.
14
AUX_L
I
Auxiliary Input, Left Channel.
15
AUX_R
I
Auxiliary Input, Right Channel.
18
CD_L
I
CD Audio Left Channel.
19
CD_GND_REF
I
CD Audio Analog Ground Reference for Differential CD Input.
20
CD_ R
I
CD Audio Right Channel.
21
MIC1
I
Rear Panel MIC Input.
22
MIC2
I
Front Panel MIC Input.


Numéro de pièce similaire - AD1888JCPZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1888JCP AD-AD1888JCP Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1888JCP-REEL AD-AD1888JCP-REEL Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
More results

Description similaire - AD1888JCPZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com