Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC240 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce 74AC240
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC240 Fiches technique(HTML) 5 Page - STMicroelectronics

  74AC240_01 Datasheet HTML 1Page - STMicroelectronics 74AC240_01 Datasheet HTML 2Page - STMicroelectronics 74AC240_01 Datasheet HTML 3Page - STMicroelectronics 74AC240_01 Datasheet HTML 4Page - STMicroelectronics 74AC240_01 Datasheet HTML 5Page - STMicroelectronics 74AC240_01 Datasheet HTML 6Page - STMicroelectronics 74AC240_01 Datasheet HTML 7Page - STMicroelectronics 74AC240_01 Datasheet HTML 8Page - STMicroelectronics 74AC240_01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74AC240
5/9
WAVEFORM 1: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)


Numéro de pièce similaire - 74AC240_01

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC240 FAIRCHILD-74AC240_06 Datasheet
502Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC240 FAIRCHILD-74AC240_08 Datasheet
340Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Description similaire - 74AC240_01

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
M74HCT240 STMICROELECTRONICS-M74HCT240 Datasheet
198Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
M74HC540 STMICROELECTRONICS-M74HC540 Datasheet
253Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74AC240 STMICROELECTRONICS-74AC240 Datasheet
79Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
April 1997
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
78Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
April 1997
74VHC240 STMICROELECTRONICS-74VHC240_04 Datasheet
261Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74VHC240 STMICROELECTRONICS-74VHC240 Datasheet
65Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
June 1999
74ACT240 STMICROELECTRONICS-74ACT240_01 Datasheet
203Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74VHCT240A STMICROELECTRONICS-74VHCT240A_04 Datasheet
244Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com