Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC4514M96G4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce CD74HC4514M96G4
Description  High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4514M96G4 Fiches technique(HTML) 4 Page - Texas Instruments

  CD74HC4514M96G4 Datasheet HTML 1Page - Texas Instruments CD74HC4514M96G4 Datasheet HTML 2Page - Texas Instruments CD74HC4514M96G4 Datasheet HTML 3Page - Texas Instruments CD74HC4514M96G4 Datasheet HTML 4Page - Texas Instruments CD74HC4514M96G4 Datasheet HTML 5Page - Texas Instruments CD74HC4514M96G4 Datasheet HTML 6Page - Texas Instruments CD74HC4514M96G4 Datasheet HTML 7Page - Texas Instruments CD74HC4514M96G4 Datasheet HTML 8Page - Texas Instruments CD74HC4514M96G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
2
-
-
0.1
-
0.1
-
0.1
V
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
0.02
6
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
-
-
---
-
-
-
-
V
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
8
-
80
-
160
µA
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
LE Pulse Width
tW
-
2
75
-
-
95
-
110
-
ns
4.5
30
-
-
19
-
22
-
ns
6
35
-
-
16
-
19
-
ns
Select to LE Set-Up Time
tSU
-
2
100
-
-
125
-
150
-
ns
4.5
20
-
-
25
-
30
-
ns
6
17
-
-
21
-
26
-
ns
Select to LE Hold Time
tH
-2
0
-
-
0
-
0
-
ns
4.5
0
-
-
0
-
0
-
ns
6
0
-
-
0-0-
ns
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPHL, tPLH
CL = 50pF
Select to Outputs
2
-
-
275
-
345
-
415
ns
4.5
-
-
55
-
69
-
83
ns
CL = 15pF
5
-
23
-
-
-
-
-
ns
CL = 50pF
6
-
-
47
-
59
-
71
ns
LE to Outputs
tPHL, tPLH
CL = 50pF
2
-
-
225
-
280
-
340
ns
4.5
-
-
45
-
56
-
68
ns
CL = 15pF
5
-
19
-
-
-
-
-
ns
CL = 50pF
6
-
-
38
-
48
-
58
ns
CD54HC4514, CD74HC4514, CD74HC4515


Numéro de pièce similaire - CD74HC4514M96G4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC4514M96G4 TI-CD74HC4514M96G4 Datasheet
375Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD74HC4514M96G4 TI-CD74HC4514M96G4 Datasheet
551Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
More results

Description similaire - CD74HC4514M96G4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC4514F TI-CD54HC4514F Datasheet
551Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54-74HC4514 TI-CD54-74HC4514 Datasheet
233Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 4-TO-16 LINE DECODER/DEMULTIPLEXER WITH INPUT LATCHES
CD54HC4514 TI-CD54HC4514 Datasheet
375Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD74HC154 TI-CD74HC154 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_07 Datasheet
372Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154 Datasheet
229Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_08 Datasheet
401Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
logo
Nexperia B.V. All right...
74HCT4514 NEXPERIA-74HCT4514 Datasheet
276Kb / 16P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 4 - 15 July 2021
logo
NXP Semiconductors
74HC4514 PHILIPS-74HC4514 Datasheet
76Kb / 9P
   4-to-16 line decoder/demultiplexer with input latches
September 1993
74HC_HCT4514_CNV PHILIPS-74HC_HCT4514_CNV_15 Datasheet
80Kb / 9P
   4-to-16 line decoder/demultiplexer with input latches
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com