Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AZ431 Datasheet(Fiches technique) 5 Page - BCD Semiconductor Manufacturing Limited

Numéro de pièce AZ431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Télécharger  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ431 Datenblatt HTML 1Page - BCD Semiconductor Manufacturing Limited AZ431 Datenblatt HTML 2Page - BCD Semiconductor Manufacturing Limited AZ431 Datenblatt HTML 3Page - BCD Semiconductor Manufacturing Limited AZ431 Datenblatt HTML 4Page - BCD Semiconductor Manufacturing Limited AZ431 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ431 Datenblatt HTML 6Page - BCD Semiconductor Manufacturing Limited AZ431 Datenblatt HTML 7Page - BCD Semiconductor Manufacturing Limited AZ431 Datenblatt HTML 8Page - BCD Semiconductor Manufacturing Limited AZ431 Datenblatt HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431
Data Sheet
Apr. 2005 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
5
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
AZ431 (40V): 40
V
AZ431 (20V): 20
Cathode Current Range (Continuous)
IKA
-100 to +150
mA
Reference Input Current Range
IREF
10
mA
Power Dissipation
PD
M,Z,R Package: 770
mW
N,K Package: 370
Junction Temperature
TJ
160
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Package Thermal Impedance
θ
JA
M Package: 150
oC/W
N Package: 330
Z Package: 150
R Package: 50
K Package: 250
Parameter
Symbol
Min
Max
Unit
Cathode Voltage
VKA
VREF
AZ431(40V): 36
V
AZ431(20V): 18
Cathode Current
IKA
1.0
100
mA
Operating Ambient
Temperature Range
-40
125
oC
Recommended Operating Conditions
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Absolute Maximum Ratings (Note 1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TL431_05ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
TL431_07ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
TLV431_06LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
GM4321.24V ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreGamma Microelectronics Inc.
TL4321.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
TL432C1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
AZ431-BADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TLVH432_07LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
AN431ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
SP432Low Voltage Adjustable Precision Shunt Regulators 1 2 3 4 5 MoreSYNC POWER Crop.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn