Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3674MFX-1.2 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3674MFX-1.2
Description  2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3674MFX-1.2 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  LM3674MFX-1.2 Datasheet HTML 1Page - National Semiconductor (TI) LM3674MFX-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LM3674MFX-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LM3674MFX-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LM3674MFX-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LM3674MFX-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LM3674MFX-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LM3674MFX-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LM3674MFX-1.2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics (Notes 2, 9, 10) Limits in standard typeface are for T
J = 25˚C. Limits in boldface
type apply over the full operating junction temperature range (−30˚C
≤ T
J
≤ 125˚C). Unless otherwise noted, specifications
apply to the LM3674 with V
IN = EN = 3.6V (Continued)
Note 11: Input voltage range recommended for ideal applications performance for the specified output voltages are given below
VIN = 2.7V to 5.5V for 1.0V ≤ VOUT < 1.8V
VIN =(VOUT +VDROP OUT) to 5.5V for 1.8 ≤ VOUT≤ 3.3V
Where VDROP OUT =ILOAD *(RDSON (P) +RINDUCTOR)
Note 12: ADJ configured to 1.5V output.
Note 13: For VOUT less than 2.5V, VIN = 3.6V, for VOUT greater than or equal to 2.5V, VIN =VOUT +1.
Dissipation Rating Table
θ
JA
T
A
≤ 25˚C (Power Rating) T
A = 60˚C (Power Rating) TA = 85˚C (Power Rating)
250˚C/W (2 layer board)
400mW
260mW
160mW
130˚C/W (4 layer board)
770mW
500mW
310mW
www.national.com
5


Numéro de pièce similaire - LM3674MFX-1.2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3674MFX-1.2 NSC-LM3674MFX-1.2 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674MFX-1.2 TI1-LM3674MFX-1.2 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
LM3674MFX-1.2/NOPB TI1-LM3674MFX-1.2/NOPB Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results

Description similaire - LM3674MFX-1.2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
logo
National Semiconductor ...
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com