Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3552SDX Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3552SDX
Description  1A White LED Driver with Flash Timeout Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3552SDX Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  LM3552SDX Datasheet HTML 1Page - National Semiconductor (TI) LM3552SDX Datasheet HTML 2Page - National Semiconductor (TI) LM3552SDX Datasheet HTML 3Page - National Semiconductor (TI) LM3552SDX Datasheet HTML 4Page - National Semiconductor (TI) LM3552SDX Datasheet HTML 5Page - National Semiconductor (TI) LM3552SDX Datasheet HTML 6Page - National Semiconductor (TI) LM3552SDX Datasheet HTML 7Page - National Semiconductor (TI) LM3552SDX Datasheet HTML 8Page - National Semiconductor (TI) LM3552SDX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = +25˚C; VIN = 3.6V; L =
4.7µH, (R
C = 10k
Ω,C
C = 4.7nF, CIN =COUT = 10µF for Lumiled LED), (RC = 27k
Ω,C
C = 10nF, CIN = 10µF, COUT = 4.7µF
for Sharp LED), C
FTO = 1µF, CSS= 0.1µF.
Current Limit vs. Input Voltage
V
OUT =5V
Current Limit vs. Input Voltage
V
OUT = 10V
20151220
Note 14: ICL measure when VOUT =95%xVOUT (nominal)
20151223
Note 15: ICL measure when VOUT =95%xVOUT (nominal)
Converter Efficiency vs. Input Voltage
Lumiled Flash LED
Converter Efficiency vs. Input Voltage
Sharp Flash LED
20151211
20151212
www.national.com
5


Numéro de pièce similaire - LM3552SDX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3552SDX NSC-LM3552SDX Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
More results

Description similaire - LM3552SDX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3551 TI1-LM3551_14 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
National Semiconductor ...
LM3551 NSC-LM3551 Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
   1A, 55V, Programmable Frequency White LED Driver
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
   4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
   1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com