Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2678SD-5.0 Fiches technique(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2678SD-5.0
Description  SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2678SD-5.0 Fiches technique(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2678SD-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM2678SD-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2678SD-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2678SD-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2678SD-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2678SD-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LM2678SD-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LM2678SD-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LM2678SD-5.0 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Typical Performance Characteristics (Continued)
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD =5A
L = 10 µH, C
OUT = 400 µF, COUTESR=13 m
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA
L = 10 µH, C
OUT = 400 µF, COUTESR=13 m
10088617
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 2 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
10088618
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 1 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs//iv
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT =5V
L = 10 µH, C
OUT = 400 µF, COUTESR=13 m
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V,
L = 10 µH, C
OUT = 400 µF, COUTESR=13 m
10088619
A: Output Voltage, 100 mV//div, AC-Coupled.
B: Load Current: 500 mA to 5A Load Pulse
Horizontal Time Base: 100 µs/div
10088620
A: Output Voltage, 100 mV/div, AC-Coupled.
B: Load Current: 200 mA to 3A Load Pulse
Horizontal Time Base: 200 µs/div
www.national.com
8


Numéro de pièce similaire - LM2678SD-5.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2678SD-5.0 NSC-LM2678SD-5.0 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678SD-5.0 TI-LM2678SD-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-5.0 TI-LM2678SD-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-5.0 TI-LM2678SD-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-5.0/NOPB TI1-LM2678SD-5.0/NOPB Datasheet
2Mb / 36P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
More results

Description similaire - LM2678SD-5.0

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22678 NSC-LM22678 Datasheet
540Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com