Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2678SD-12 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM2678SD-12
Description  SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2678SD-12 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM2678SD-12 Datasheet HTML 1Page - National Semiconductor (TI) LM2678SD-12 Datasheet HTML 2Page - National Semiconductor (TI) LM2678SD-12 Datasheet HTML 3Page - National Semiconductor (TI) LM2678SD-12 Datasheet HTML 4Page - National Semiconductor (TI) LM2678SD-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2678SD-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2678SD-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2678SD-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2678SD-12 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Supply Voltage
45V
ON/OFF Pin Voltage
−0.1V to 6V
Switch Voltage to Ground
−1V to V
IN
Boost Pin Voltage
V
SW +8V
Feedback Pin Voltage
−0.3V to 14V
Power Dissipation
Internally Limited
ESD (Note 2)
2 kV
Storage Temperature Range
−65˚C to 150˚C
Soldering Temperature
Wave
4 sec, 260˚C
Infrared
10 sec, 240˚C
Vapor Phase
75 sec, 219˚C
Operating Ratings
Supply Voltage
8V to 40V
Junction Temperature Range (T
J)
−40˚C to 125˚C
Electrical Characteristics Limits appearing in bold type face apply over the entire junction temperature
range of operation, −40˚C to 125˚C. Specifications appearing in normal type apply for T
A =TJ = 25˚C.
LM2678-3.3
Symbol
Parameter
Conditions
Typical
Min
Max
Units
(Note 3)
(Note 4)
(Note 4)
V
OUT
Output Voltage
V
IN = 8V to 40V, 100mA
≤ I
OUT
≤ 5A
3.3
3.234/3.201
3.366/3.399
V
η
Efficiency
V
IN = 12V, ILOAD =5A
82
%
LM2678-5.0
Symbol
Parameter
Conditions
Typical
Min
Max
Units
(Note 3)
(Note 4)
(Note 4)
V
OUT
Output Voltage
V
IN = 8V to 40V, 100mA
≤ I
OUT
≤ 5A
5.0
4.900/4.850
5.100/5.150
V
η
Efficiency
V
IN = 12V, ILOAD =5A
84
%
LM2678-12
Symbol
Parameter
Conditions
Typical
Min
Max
Units
(Note 3)
(Note 4)
(Note 4)
V
OUT
Output Voltage
V
IN = 15V to 40V, 100mA
≤ I
OUT
≤ 5A
12
11.76/11.64
12.24/12.36
V
η
Efficiency
V
IN = 24V, ILOAD =5A
92
%
LM2678-ADJ
Symbol
Parameter
Conditions
Typ
Min
Max
Units
(Note 3)
(Note 4)
(Note 4)
V
FB
Feedback
Voltage
V
IN = 8V to 40V, 100mA
≤ I
OUT
≤ 5A
V
OUT Programmed for 5V
1.21
1.186/1.174
1.234/1.246
V
η
Efficiency
V
IN = 12V, ILOAD =5A
84
%
www.national.com
3


Numéro de pièce similaire - LM2678SD-12

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2678SD-12 NSC-LM2678SD-12 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678SD-12 TI-LM2678SD-12 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-12 TI-LM2678SD-12 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-12 TI-LM2678SD-12 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-12 TI1-LM2678SD-12 Datasheet
2Mb / 36P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
More results

Description similaire - LM2678SD-12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22678 NSC-LM22678 Datasheet
540Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com