Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54003 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL54003
Description  Integrated Audio Amplifier Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54003 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL54003 Datasheet HTML 1Page - Intersil Corporation ISL54003 Datasheet HTML 2Page - Intersil Corporation ISL54003 Datasheet HTML 3Page - Intersil Corporation ISL54003 Datasheet HTML 4Page - Intersil Corporation ISL54003 Datasheet HTML 5Page - Intersil Corporation ISL54003 Datasheet HTML 6Page - Intersil Corporation ISL54003 Datasheet HTML 7Page - Intersil Corporation ISL54003 Datasheet HTML 8Page - Intersil Corporation ISL54003 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6514.2
October 30, 2007
Crosstalk
RCH to LCH, LCH to RCH
RL = 8Ω, POUT = 800mW, f = 1kHz, Signal coupled
from the input of active amplifier to the output of an
adjacent amplifier with its input AC coupled to
ground.
25
-
80
-
dB
Off-Isolation
SD = VDD, POUT = 800mW, f = 10kHz, Signal
coupled from input to output of a disabled amplifier.
25
-
130
-
dB
SINGLE ENDED AMPLIFIER DRIVERS, HD = VINH, HO = VINL, UNLESS OTHERWISE SPECIFIED
Power Supply Rejection Ratio, PSRR VRIPPLE = 200mVP-P, HD = 0V,
RL = 32Ω, Input AC coupled to
ground (0.1µF)
FRIPPLE = 217Hz
25
-
48
-
dB
FRIPPLE = 1kHz
25
-
47
-
dB
Output Power, POUT
RL = 16Ω, THD+N = 1%, f = 1kHz
25
-
170
-
mW
RL = 32Ω, THD+N = 1%, f = 1kHz
25
-
94
-
mW
RL = 16Ω, THD+N = 10%, f = 1kHz
25
-
215
-
mW
RL = 32Ω, THD+N = 10%, f = 1kHz
25
-
116
-
mW
Total Harmonic Distortion + Noise,
THD + N
RL = 32Ω, POUT = 15mW, f = 1kHz
25
-
0.07
-
%
RL = 32Ω, POUT = 15mW, f = 20Hz to 20kHz
25
-
0.09
-
%
RL = 32Ω, POUT = 50mW, f = 1kHz
25
-
0.3
-
%
RL = 32Ω, POUT = 50mW, f = 20Hz to 20kHz
25
-
0.4
-
%
Max Output Voltage Swing, VOUT
RL = 32Ω, VSIGNAL = 5VP-P, f = 1kHz
25
3.6
4.7
-
VP-P
Crosstalk
RCH to LCH, LCH to RCH
RL = 32Ω, POUT = 15mW, f = 1kHz
25
-
75
-
dB
Off-Isolation
SD = VDD, RL = 32Ω, POUT = 15mW, f = 10kHz
25
-
120
-
dB
Signal to Noise Ratio, SNR
RL = 32Ω, POUT = 50mW, f = 1kHz
25
-
85
-
dB
Channel Gain Matching
RCH to LCH
RL = 32Ω, VINxR = VINxL = 1.3VRMS (Connect to the
same source)
25
-
±0.2
-
dB
Channel Phase Matching
RCH to LCH
RL = 32Ω, VINxR = VINxL = 1.3VRMS (Connect to the
same source)
25
-
1.3
-
°
LOGIC INPUT
Input Leakage Current, ISD, IINS,
IMIX, IHD, IHO
VDD = 5V, SD = 0V, INS = 0V, MIX = 0V, HD = 0V,
HO = 0V
25
-3
1.9
3
µA
Full
-
1.9
-
µA
Input Leakage Current, ISD, IINS,
IMIX, IHD, IHO
VDD = 5V, SD = VDD, INS = VDD, MIX = VDD,
HD = VDD, HO = VDD
25
-1
0.02
1
µA
Full
-
0.02
-
µA
VINH
Full
2.4
-
-
V
VINL
Full
-
-
0.8
V
Electrical Specifications - 5V Supply
Test Conditions: VDD = +5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, SD = MIX = INS = HD =
VINL, CREF = 1µF, RL is terminated between SPK+ and SPK- for BTL driver and between
Hp_ and GND for SE drivers, Unless Otherwise Specified (Note 3). (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 5)
TYP
MAX
(Notes 4, 5)
UNITS
ISL54003, ISL54005, ISL54006


Numéro de pièce similaire - ISL54003

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
   Integrated Audio Amplifier Systems
ISL54003IRTZ RENESAS-ISL54003IRTZ Datasheet
719Kb / 16P
   Integrated Audio Amplifier Systems
More results

Description similaire - ISL54003

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
   Integrated Audio Amplifier Systems
ISL54000 RENESAS-ISL54000 Datasheet
546Kb / 11P
   Integrated Audio Amplifier Systems
ISL54004 RENESAS-ISL54004 Datasheet
608Kb / 13P
   Integrated Audio Amplifier Systems
logo
Intersil Corporation
ISL54004 INTERSIL-ISL54004 Datasheet
262Kb / 13P
   Integrated Audio Amplifier Systems
ISL54000 INTERSIL-ISL54000 Datasheet
260Kb / 11P
   Integrated Audio Amplifier Systems
logo
National Semiconductor ...
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
   Integrated Audio Amplifier System
logo
Texas Instruments
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
[Old version datasheet]   Integrated Audio Amplifier System
logo
National Semiconductor ...
LM4852 NSC-LM4852 Datasheet
860Kb / 21P
   Integrated Audio Amplifier System
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
   Integrated Audio Amplifier System
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com