Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43210IH-T Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL43210IH-T
Description  Low-Voltage, Single Supply, Single SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43210IH-T Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL43210IH-T Datasheet HTML 1Page - Intersil Corporation ISL43210IH-T Datasheet HTML 2Page - Intersil Corporation ISL43210IH-T Datasheet HTML 3Page - Intersil Corporation ISL43210IH-T Datasheet HTML 4Page - Intersil Corporation ISL43210IH-T Datasheet HTML 5Page - Intersil Corporation ISL43210IH-T Datasheet HTML 6Page - Intersil Corporation ISL43210IH-T Datasheet HTML 7Page - Intersil Corporation ISL43210IH-T Datasheet HTML 8Page - Intersil Corporation ISL43210IH-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6563.2
October 30, 2007
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 15V
Input Voltages
IN (Note 2). . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
NO, NC (Note 2) . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Output Voltages
COM (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . .
30mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . .
40mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015) . . . . . 2kV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical, Note 3)
θ
JA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
2. Signals on NC, NO, COM, or IN exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings.
3.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3.5V
(See Figure 5)
25
-
19
30
Ω
Full
-
23
40
Ω
rON Matching Between Channels, ΔrON V+ = 5V, ICOM = 1.0mA, VNO or VNC = 3.5V
25
-
0.8
2
Ω
Full
-
1
4
Ω
rON Flatness, RFLAT(ON)
V+ = 5V, ICOM = 1.0mA, VNO or VNC = 1V, 2V, 3V
(Note 7)
Full
-
7
8
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V
25
-3
0.01
3
nA
Full
-5
-
5
nA
COM OFF Leakage Current, ICOM(OFF) V+ = 5.5V, VCOM = 4.5V, 1V, VNO or VNC = 1V, 4.5V
25
-3
-
3
nA
Full
-5
-
5
nA
COM ON Leakage Current, ICOM(ON)
V
+ = 5.5V, VCOM = 1V, 4.5V, or VNO or VNC = 1V,
4.5V or Floating
25
-5
-
5
nA
Full
-10
-
10
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 3V, RL = 1kΩ, CL = 35pF,
VIN = 0V to 3V (See Figure 1)
25
-
28
-
ns
Full
-
40
-
ns
Turn-OFF Time, tOFF
VNO or VNC = 3V, RL = 1kΩ, CL = 35pF,
VIN = 0V to 3V (See Figure 1)
25
-
20
-
ns
Full
-
30
-
ns
Break-Before-Make Time Delay, tD
RL = 300Ω, CL = 35pF, VNO = VNC = 3V,
VIN = 0V to 3V (See Figure 3)
Full
-
10
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (See Figure 2)
25
-
3
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz (See Figure 4)
25
-
76
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
60
-
dB
NO or NC OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
25
-
8
-
pF
COM OFF Capacitance, CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
25
-
8
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
25
-
28
-
pF
ISL43210


Numéro de pièce similaire - ISL43210IH-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43210IH-T INTERSIL-ISL43210IH-T Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43210IH-T INTERSIL-ISL43210IH-T Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL43210IH-T RENESAS-ISL43210IH-T Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
More results

Description similaire - ISL43210IH-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL43210A INTERSIL-ISL43210A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
ISL43210AIHZ-T INTERSIL-ISL43210AIHZ-T Datasheet
554Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
June 24, 2011
logo
Renesas Technology Corp
ISL43210A RENESAS-ISL43210A Datasheet
655Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4599 MAXIM-MAX4599 Datasheet
128Kb / 8P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 0; 2/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com