Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6932D1.2TR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce L6932D1.2TR
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932D1.2TR Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button L6932D1.2TR Datasheet HTML 2Page - STMicroelectronics L6932D1.2TR Datasheet HTML 3Page - STMicroelectronics L6932D1.2TR Datasheet HTML 4Page - STMicroelectronics L6932D1.2TR Datasheet HTML 5Page - STMicroelectronics L6932D1.2TR Datasheet HTML 6Page - STMicroelectronics L6932D1.2TR Datasheet HTML 7Page - STMicroelectronics L6932D1.2TR Datasheet HTML 8Page - STMicroelectronics L6932D1.2TR Datasheet HTML 9Page - STMicroelectronics L6932D1.2TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
L6932
6/11
Figure 7. Demoboard Layout (Fixed Version)
Adjustable version
Figure 8. Demoboard Layout (Adjustable Version)
COMPONENTS SELECTION
Input Capacitor
The input capacitor value depends on a lot of factors such as load transient requirements, input source (battery
or DC/DC converter) and its distance from the input cap. Usually a 47
µF is enough for any application but a
much lower value can be sufficient in many cases.
Output Capacitor
The output capacitor choice depends basically on the load transient requirements.
Tantalum, Speciality Polimer, POSCAP and aluminum capacitors are good and offer very low ESR values.
Reference
Part Number
Description
Manufacturer
C1
C34Y5U1E106Z
10uF, 25V
TOKIN
C2
C34Y5U1E106Z
10uF, 25V
TOKIN
R1
5.6K, 1%, 0.25W
Neohm
R2
3.3K, 1%, 0.25W
Neohm


Numéro de pièce similaire - L6932D1.2TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

Description similaire - L6932D1.2TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
   High performance 2A ULDO linear regulator with Soft Start
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
   UP TO 5A ULDO LINEAR REGULATOR
May 2000
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com