Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX8732A Fiches technique(PDF) 31 Page - Maxim Integrated Products

No de pièce MAX8732A
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8732A Fiches technique(HTML) 31 Page - Maxim Integrated Products

Back Button MAX8732A Datasheet HTML 25Page - Maxim Integrated Products MAX8732A Datasheet HTML 26Page - Maxim Integrated Products MAX8732A Datasheet HTML 27Page - Maxim Integrated Products MAX8732A Datasheet HTML 28Page - Maxim Integrated Products MAX8732A Datasheet HTML 29Page - Maxim Integrated Products MAX8732A Datasheet HTML 30Page - Maxim Integrated Products MAX8732A Datasheet HTML 31Page - Maxim Integrated Products MAX8732A Datasheet HTML 32Page - Maxim Integrated Products MAX8732A Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
______________________________________________________________________________________
31
• Make all pin-strap control input connections (SKIP,
ILIM_, etc.) to GND or VCC of the device.
Layout Procedure
1) Place the power components first with ground ter-
minals adjacent (N2/N4 source, CIN_, COUT_, D1
anode). If possible, make all these connections on
the top layer with wide, copper-filled areas.
2) Mount the controller IC adjacent to the synchronous-
rectifier MOSFETs, preferably on the back side to
keep DH_, GND, and the DL_ gate drive lines short
and wide. The DL_ gate trace must be short and
wide, measuring 50 mils to 100 mils wide if the
MOSFET is 1in from the controller device.
3) Group the gate-drive components (BST_ diode and
capacitor, V+ bypass capacitor) together near the
controller device.
4) Make the DC-DC controller ground connections as
follows: near the device, create a small analog
ground plane. Connect the small analog ground
plane to GND (Figure 13) and use the plane for the
ground connection for the REF and VCC bypass
capacitors, FB dividers, and ILIM resistors (if any).
Create another small ground island for PGND, and
use the plane for the V+ bypass capacitor, placed
very close to the device. Connect the AGND and
PGND planes together at the GND pin of the device.
5) On the board’s top side (power planes), make a
star ground to minimize crosstalk between the two
sides. The top-side star ground is a star connection
of the input capacitors and synchronous rectifiers.
Keep the resistance low between the star ground
and the source of the synchronous rectifiers for
accurate current limit. Connect the top-side star
ground (used for MOSFET, input, and output
capacitors) to the small island with a single short,
wide connection (preferably just a via).
Create PGND islands on the layer just below the
top-side layer (refer to the MAX1999 EV kit for an
example) to act as an EMI shield if multiple layers
are available (highly recommended). Connect each
of these individually to the star ground via, which
connects the top side to the PGND plane. Add one
more solid ground plane under the device to act as
an additional shield, and also connect the solid
ground plane to the star ground via.
6) Connect the output power planes (VCORE and system
ground planes) directly to the output filter capacitor
positive and negative terminals with multiple vias.
Table 5. MAX8732A/MAX8733A/MAX8734A and MAX1777/MAX1977/MAX1999 Differences
MAX8732A/MAX8733A/MAX8734A
MAX1777/MAX1977/MAX1999
Line Transient Behavior
Improved line transient behavior requires only
a 0.1µF filter capacitor on V+. Allows fast
rising-edge line transients of 10V/µs and
falling-edge line transients of 5V/µs.
A 4
Ω/4.7µF filter capacitor is required on V+ to
limit the dV/dt on the V+ pin.
Ultrasonic Mode
Simplified Z pattern offers better efficiency
and smoother transition into continuous-
conduction mode.
Original “W” pattern conducts through the high-
side MOSFET’s body diode, reducing efficiency.
Transition between ultrasonic mode and
continuous-conduction mode is not as smooth.
LDO3 and LDO5 Sequencing
LDO3 starts only after LDO5 is in regulation,
reducing the inrush current when SHDN goes
high.
LDO3 and LDO5 start up together at the current
limit of each LDO, causing large inrush currents
through the 4
Ω series resistor at V+.
Soft-Shutdown Enable Delay
Soft-shutdown (10
Ω discharge feature) is
enabled immediately when an output is
enabled, and is not dependent on the 22ms
(typ) startup undervoltage blanking timer.
Soft-shutdown (10
Ω discharge feature) is
enabled only after the 22ms (typ) startup
undervoltage blanking time. This causes DL_ to
be driven high if the part is commanded to turn
off before the 22ms timer.
High-Output Impedance in UVLO
When LDO5 falls below its 4V (typ) UVLO
threshold, DH_ and DL_ are immediately
pulled low, and the outputs are high
impedance. The outputs are discharged by
the load.
When LDO5 falls below its 4V (typ) UVLO
threshold, DH_ is immediately pulled low and
DL_ forced high to clamp the output rails. This
causes the outputs to swing below ground.


Numéro de pièce similaire - MAX8732A

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8732EEI MAXIM-MAX8732EEI Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
More results

Description similaire - MAX8732A

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com