Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28270_0708 Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL28270_0708
Description  Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28270_0708 Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL28270_0708 Datasheet HTML 5Page - Intersil Corporation ISL28270_0708 Datasheet HTML 6Page - Intersil Corporation ISL28270_0708 Datasheet HTML 7Page - Intersil Corporation ISL28270_0708 Datasheet HTML 8Page - Intersil Corporation ISL28270_0708 Datasheet HTML 9Page - Intersil Corporation ISL28270_0708 Datasheet HTML 10Page - Intersil Corporation ISL28270_0708 Datasheet HTML 11Page - Intersil Corporation ISL28270_0708 Datasheet HTML 12Page - Intersil Corporation ISL28270_0708 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN6260.4
August 3, 2007
FIGURE 23. ENABLED SUPPLY CURRENT (CHANNEL A AND
CHANNEL B) vs TEMPERATURE, V+, V- = ±2.5V,
VIN = 0V, RL = INF
FIGURE 24. DISABLED SUPPLY CURRENT (CHANNEL A AND
CHANNEL B) vs TEMPERATURE, V+, V- = ±2.5V,
VEN = V+, VIN = 0V, RL = INF
FIGURE 25. IBIAS IN+ vs TEMPERATURE, V+, V- = ±2.5V
FIGURE 26. IBIAS FB+ vs TEMPERATURE, V+, V- = ±2.5V
FIGURE 27. IBIAS IN- vs TEMPERATURE, V+, V- = ±2.5V
FIGURE 28. IBIAS FB- vs TEMPERATURE, V+, V- = ±2.5V
Typical Performance Curves
V+ = +5V, V- = 0V VCM = 1/2V+, VEN = V-, RL = Open, TA = +25°C, unless otherwise specified.
(Continued)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
100
110
120
130
140
150
160
170
n = 1000
MIN
MAX
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
2.7
3.2
3.7
4.2
4.7
n = 1000
MIN
MAX
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-3
-2
-1
0
1
2
3
4
n = 1000
MIN
MAX
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
n = 1000
MIN
MAX
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-3
-2
-1
0
1
2
3
n = 1000
MIN
MAX
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
n = 1000
MIN
MAX
MEDIAN
ISL28270, ISL28273, ISL28470


Numéro de pièce similaire - ISL28270_0708

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28270IAZ INTERSIL-ISL28270IAZ Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270IAZ RENESAS-ISL28270IAZ Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28270IAZ-T13 INTERSIL-ISL28270IAZ-T13 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270IAZ-T13 RENESAS-ISL28270IAZ-T13 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28270INEVAL1Z INTERSIL-ISL28270INEVAL1Z Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
More results

Description similaire - ISL28270_0708

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com