Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PME261 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce PME261
Description  General purpose AC/DC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

PME261 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  PME261 Datasheet HTML 1Page - List of Unclassifed Manufacturers PME261 Datasheet HTML 2Page - List of Unclassifed Manufacturers PME261 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
65
PME261
ORDERING INFORMATION
The article code for the standard part is given in the article table.
For other options, see page 21.
MARKING
• RIFA
• RIFA article code
• Rated capacitance
• Rated voltage AC/DC
• MP, for metallized paper
• Climatic category according to
IEC 60068-, appendix A
• Manufacturing code (year, month)
PACKING
Capacitors in standard design (lead length
30 mm) and with L < 24 mm and lead
length 5 or 6 mm are packed bulk in a box
with dimensions 245 x 145 x 80 mm.
Quantity/package as per article table.
Capacitors with L 24 mm and lead length
5 or 6 mm are packed on trays piled in a
box with dimension 300 x 260 x 195 mm.
Quantity/package as per article table.
Reels with taped capacitors are packed 10
in a box with dimension 370 x 370 x 560 mm.
The standard quantity/reel is for 360 mm
reel. If 500 mm reel is required, it must be
specified when ordering and the quantity is
2 x the given quantity.
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
tance
R30
R06
reel
dU/dt
Article code
taped
µ F
B
H
L
p
pcs
pcs
pcs
g
V/µs
500 VAC/ 1000 VDC PME261 J
LEAD SPACING 10.2 MM
0.0010
3.9
7.5
13.5
10.2
1000
2000
700
0.7
2000
PME261JA4100MR30
0.0015
3.9
7.5
13.5
10.2
1000
2000
700
0.7
2000
PME261JA4150MR30
0.0022
3.9
7.5
13.5
10.2
1000
2000
700
0.7
2000
PME261JA4220MR30
0.0033
3.9
7.5
13.5
10.2
1000
2000
700
0.7
2000
PME261JA4330MR30
0.0047
5.1
10.5
13.5
10.2
800
1600
600
1.2
2000
PME261JA4470MR30
0.0068
5.1
10.5
13.5
10.2
800
1600
600
1.2
2000
PME261JA4680MR30
LEAD SPACING 15.2 MM
0.010
5.2
10.5
18.5
15.2
500
1000
600
1.7
2000
PME261JB5100KR30
0.015
5.2
10.5
18.5
15.2
500
1000
600
1.7
2000
PME261JB5150KR30
0.022
7.3
13.0
19.0
15.2
400
800
400
3.0
2000
PME261JB5220KR30
0.033
7.8
13.5
18.5
15.2
400
800
400
3.3
2000
PME261JB5330KR30
LEAD SPACING 20.3 MM
0.047
7.6
14.0
24.0
20.3
250
1500
250
4.0
2000
PME261JC5470KR30
0.068
9.0
15.0
24.0
20.3
200
1200
250
5.0
1400
PME261JC5680KR30
0.10
11.3
16.5
24.0
20.3
150
1000
180
7.0
950
PME261JC6100KR30


Numéro de pièce similaire - PME261

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
PME261EA4220KR19T0 KEMET-PME261EA4220KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 2200 pF, 10%, 630 VDC, 85C, Lead Spacing = 10.2mm
PME261EA4680KR19T0 KEMET-PME261EA4680KR19T0 Datasheet
62Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 10.2mm
PME261EA5100JR30 KEMET-PME261EA5100JR30 Datasheet
1Mb / 13P
   PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
PME261EA5100KR19T0 KEMET-PME261EA5100KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.01 uF, 10%, 630 VDC, 85C, Lead Spacing = 10.2mm
PME261EA5100KR30 KEMET-PME261EA5100KR30 Datasheet
1Mb / 13P
   PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
More results

Description similaire - PME261

FabricantNo de pièceFiches techniqueDescription
logo
Schaffner International...
FN-2020 SCHAFFNER-FN-2020 Datasheet
1Mb / 7P
   General Purpose AC/DC EMI Filter
FN-2010 SCHAFFNER-FN-2010 Datasheet
1Mb / 7P
   General Purpose AC/DC EMI Filter
logo
Eaton All Rights Reserv...
8373K107 EATON-8373K107 Datasheet
142Kb / 4P
   General Purpose Toggles—AC/DC Rated
logo
Schaffner International...
FN-2030 SCHAFFNER-FN-2030 Datasheet
1Mb / 7P
   General Purpose AC/DC EMI Filter
FN-2060 SCHAFFNER-FN-2060 Datasheet
969Kb / 7P
   Multi-stage General Purpose AC/DC EMI Filter
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
logo
List of Unclassifed Man...
7199K102 ETC2-7199K102 Datasheet
169Kb / 1P
   General Purpose Alternate and Momentary Pushbutton Switches - Ac/Dc Rated
logo
Renesas Technology Corp
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
logo
Tyco Electronics
2-1393143-0 MACOM-2-1393143-0 Datasheet
125Kb / 2P
   General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com