Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59440 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL59440
Description  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59440 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL59440 Datasheet HTML 1Page - Intersil Corporation ISL59440 Datasheet HTML 2Page - Intersil Corporation ISL59440 Datasheet HTML 3Page - Intersil Corporation ISL59440 Datasheet HTML 4Page - Intersil Corporation ISL59440 Datasheet HTML 5Page - Intersil Corporation ISL59440 Datasheet HTML 6Page - Intersil Corporation ISL59440 Datasheet HTML 7Page - Intersil Corporation ISL59440 Datasheet HTML 8Page - Intersil Corporation ISL59440 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6162.2
October 10, 2007
Absolute Maximum Ratings (TA = 25°C)
Thermal Information
Supply Voltage (V+ to V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/
μs
IN- Input Current (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Digital & Analog Input Current (Note 1) . . . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . -40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .See Curves
θJA. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
2. Parts are 100% tested at +25°C. Over temperature limits established by characterization and are not production tested.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, RL = 500Ω to GND unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
GENERAL
±IS Enabled
Supply Current
No load, VIN = 0V, ENABLE Low
12.5
14.5
16.5
mA
IS Disabled
Disabled Supply Current I+
No load, VIN = 0V, ENABLE High
0.5
1
1.5
mA
Disabled Supply Current I-
No load, VIN = 0V, ENABLE High
3
10
μA
VOUT
Positive and Negative Output Swing
VIN = ±2V, RL = 500Ω, AV = 2
±3.5
±3.9
V
IOUT
Output Current
RL = 10Ω to GND
80
130
mA
VOS
Output Offset Voltage
-12
4
+12
mV
Ib+
Input Bias Current
VIN = 0V
-4
2.5
-1.5
μA
Ib-
Feedback Bias Current
-15
7
15
μA
ROUT
Output Resistance
HIZ = logic high, (DC), AV =1
1.4
M
Ω
HIZ = logic low, (DC), AV =1
0.2
Ω
RIN
Input Resistance
VIN = 3.5V
10
M
Ω
CIN
Input Capacitance
VIN = 224mVRMS, AV = 1
0.9
pF
ACL or AV
Voltage Gain
RF = RG = 500Ω, VOUT = ±3V
1.990
2.005
2.020
V/V
ITRI
Output Current in Three-state
VOUT = 0V
-20
6
20
μA
LOGIC
VH
Input High Voltage (Logic Inputs)
2
V
VL
Input Low Voltage (Logic Inputs)
0.8
V
IIH
Input High Current (Logic Inputs)
55
90
135
μA
IIL
Input Low Current (Logic Inputs)
-10
0
10
μA
AC GENERAL
- 3dB BW
-3dB Bandwidth
AV = 1, RF = 332Ω, VOUT = 200mVP-P,
CL = 1.6pF, CG = 0.6pF
400
MHz
AV = 2, RF = RG = 511Ω, VOUT = 2VP-P,
CL = 5.5pF, CG = 0.6pF
200
MHz
ISL59440


Numéro de pièce similaire - ISL59440

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440IA INTERSIL-ISL59440IA Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IA RENESAS-ISL59440IA Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440IA-T13 INTERSIL-ISL59440IA-T13 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results

Description similaire - ISL59440

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com