Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59451IRZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL59451IRZ
Description  Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59451IRZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL59451IRZ Datasheet HTML 1Page - Intersil Corporation ISL59451IRZ Datasheet HTML 2Page - Intersil Corporation ISL59451IRZ Datasheet HTML 3Page - Intersil Corporation ISL59451IRZ Datasheet HTML 4Page - Intersil Corporation ISL59451IRZ Datasheet HTML 5Page - Intersil Corporation ISL59451IRZ Datasheet HTML 6Page - Intersil Corporation ISL59451IRZ Datasheet HTML 7Page - Intersil Corporation ISL59451IRZ Datasheet HTML 8Page - Intersil Corporation ISL59451IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN6253.0
September 24, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (V+ to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Input Voltage to GND. . . . . . . . . . . . . . . . . .GND - 0.5V to V+ +0.5V
Voltage between HIZ, CLAMP, AV2, REF_ and GND
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.5;V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Digital and Analog Input Current (Note 1) . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . .2500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . -40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
2. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, GND = 0V, TA = +25°C, RL = 150Ω to GND, REF_G = 0.5V, REF_RB = 1.2V, CLAMP = 2.0V,
S1 = S0 = AV2 = HIZ = 0.8V, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
DC CHARACTERISTICS
V+
Supply Voltage
4.5
5.0
5.5
V
+IS Enabled
Enabled Supply Current
No load, VIN = 2.2V, HIZ = 0.8V
45
75
mA
+IS Disabled Disabled Supply Current
No load, VIN = 2.2V, HIZ = 2.0V
3
5
mA
VSHIFT
Input to Output Level Shift (VIN - VOUT) DC-coupled inputs, VIN = 2V, GAIN = 1
1.2
1.6
2
V
IB
Input Bias Current
VIN = 2.2V, No Load
-1
0
1
µA
ROUT_DIS
Disabled Output Resistance (DC)
HIZ = 2.0V
1.4
2
2.6
k
Ω
AV
Voltage Gain
AV2 = 0.8V, GAIN = 1
0.98
1
1.02
V/V
AV2 = 2.0V, GAIN = 2
1.95
2.00
2.05
V/V
PSRRDC
DC Power Supply Rejection Ratio
V+ = 4.5V to 5.5V, CLAMP = 2.0V, VIN = 2.0V
40
50
dB
V+ = 4.5V to 5.5V, CLAMP = 0.8V, inputs floating
50
65
dB
OUTPUT AMPLIFIERS
VOUT+
Maximum Output High Level
RL = 150Ω, VIN = 4V, GAIN = 2
3.5
V
VOUT-
Minimum Output Low Level
RL = 150Ω,VIN = 0.8V, GAIN = 2
15
mV
ISC
Short Circuit Current
Sourcing, VIN = 4V, RL = 10Ω to GND, GAIN = 2
125
mA
Sinking, VIN = 0V, RL = 10Ω to +3V
57
mA
DC RESTORE SECTION
VCLAMP-OS
Output Clamp Accuracy (VOUT -
VREF_RB)
REF_RB = 1.2V, CLAMP = 0.8V
-15
-4
+10
mV
Output Clamp Accuracy (VOUT - VREF_G) REF_G = 0.5V, CLAMP = 0.8V
-15
-3
+10
mV
ICLAMP
Positive Restore Clamp Current
VIN = 0V, CLAMP = 0.8V, Sourcing
500
860
1100
µA
Negative Restore Clamp Current
VIN = 4V, CLAMP = 0.8V, Sinking
150
290
500
µA
IB_VREF
Reference Input Bias Current
REF_G = 0.5V or 1.2V, VCLAMP = 0.8V
-2
-0.4
+0.5
µA
REF_RB = 0.5V or 1.2V, VCLAMP = 0.8V
-3
-0.9
+0.5
µA
ISL59451


Numéro de pièce similaire - ISL59451IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59451IRZ RENESAS-ISL59451IRZ Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
ISL59451IRZ-T7 RENESAS-ISL59451IRZ-T7 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
More results

Description similaire - ISL59451IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59451 RENESAS-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Elantec Semiconductor
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
   DC Restored Video Amplifier
logo
Intersil Corporation
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
   DC-Restored Video Amplifier
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
logo
Intersil Corporation
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
   100MHz DC-Restored Video Amplifier
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
   300MHz DC-Restored Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com