Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59530 Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL59530
Description  16x16 Video Crosspoint
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59530 Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL59530 Datasheet HTML 5Page - Intersil Corporation ISL59530 Datasheet HTML 6Page - Intersil Corporation ISL59530 Datasheet HTML 7Page - Intersil Corporation ISL59530 Datasheet HTML 8Page - Intersil Corporation ISL59530 Datasheet HTML 9Page - Intersil Corporation ISL59530 Datasheet HTML 10Page - Intersil Corporation ISL59530 Datasheet HTML 11Page - Intersil Corporation ISL59530 Datasheet HTML 12Page - Intersil Corporation ISL59530 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
FN6220.6
August 29, 2007
FIGURE 7. FREQUENCY RESPONSE - VARIOUS CL, AV = 1,
BROADCAST MODE
FIGURE 8. FREQUENCY RESPONSE - VARIOUS CL, AV = 2,
BROADCAST MODE
FIGURE 9A. FREQUENCY RESPONSE - VARIOUS RL, AV = 1,
BROADCAST MODE
FIGURE 10. FREQUENCY RESPONSE - VARIOUS RL, AV = 2,
BROADCAST MODE
FIGURE 11. CROSSTALK - AV = 1
FIGURE 12. CROSSTALK - AV = 2
Typical Performance Curves (Continued)
VS = +5V
AV = 1
RL = 100Ω
INPUT_CH 0
OUTPUT_CH 0
15pF
10pF
4.7pF
0pF
VS = +5V
AV = 2
RL = 100Ω
INPUT_CH 0
OUTPUT_CH 0
15pF
4.7pF
0pF
10pF
VS = +5V
AV = 1
CL = 1pF
INPUT_CH 0
OUTPUT_CH 0
50
Ω
150
Ω
1.03k
Ω
503
Ω
VS = +5V
AV = 2
CL = 1pF
INPUT_CH 0
OUTPUT_CH 0
50
Ω
1.03k
Ω
503
Ω
150
Ω
-100
-90
-80
-70
-60
-50
-40
-30
1M
10M
100M
1G
FREQUENCY (Hz)
AV = 1
RL = 100Ω
CL =1pF
HOSTILE BROADCAST
IN CH14 TO ALL BUT CH15
OUT CH15
ADJACENT
IN CH14
OUT CH15
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
1M
10M
100M
1G
FREQUENCY (Hz)
AV = 2
RL = 100Ω
CL = 1pF
ADJACENT
IN CH14
OUT CH15
ALL HOSTILE IN_CH14
BROADCAST TO
ALL EXCEPT OUT_CH15
ISL59530


Numéro de pièce similaire - ISL59530

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530IKZ INTERSIL-ISL59530IKZ Datasheet
1Mb / 22P
   16x16 Video Crosspoint
More results

Description similaire - ISL59530

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
logo
Intersil Corporation
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
   16x16 Video Crosspoint with Differential Inputs
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Vitesse Semiconductor C...
VSC880 VITESSE-VSC880 Datasheet
381Kb / 28P
   High Performance 16x16 Serial Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com