Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX8733EEI Fiches technique(PDF) 26 Page - Maxim Integrated Products

No de pièce MAX8733EEI
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8733EEI Fiches technique(HTML) 26 Page - Maxim Integrated Products

Back Button MAX8733EEI Datasheet HTML 22Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 23Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 24Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 25Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 26Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 27Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 28Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 29Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
26
______________________________________________________________________________________
When using low-capacity filter capacitors such as
polymer types, capacitor size is usually determined by
the capacity required to prevent VSAG and VSOAR from
tripping the undervoltage and overvoltage fault latches
during load transients in ultrasonic mode.
For low input-to-output voltage differentials (VIN / VOUT
< 2), additional output capacitance is required to main-
tain stability and good efficiency in ultrasonic mode.
The amount of overshoot due to stored inductor energy
can be calculated as:
where IPEAK is the peak inductor current.
Stability Considerations
Stability is determined by the value of the ESR zero
(fESR) relative to the switching frequency (f). The point
of instability is given by the following equation:
where:
For a typical 300kHz application, the ESR zero frequen-
cy must be well below 95kHz, preferably below 50kHz.
Low-ESR capacitors (especially polymer or tantalum),
in widespread use at the time of publication, typically
have ESR zero frequencies lower than 30kHz. In the
design example used for inductor selection, the ESR
needed to support a specified ripple voltage is found
by the equation:
where LIR is the inductor ripple current ratio and ILOAD
is the average DC load. Using LIR = 0.35 and an aver-
age load current of 5A, the ESR needed to support
50mVP-P ripple is 28mΩ.
Do not place high-value ceramic capacitors directly
across the fast-feedback inputs (OUT_ to GND for inter-
nal feedback, FB_ divider point for external feedback)
without taking precautions to ensure stability. Large
ceramic capacitors can have a high-ESR zero frequency
and cause erratic, unstable operation. Adding a discrete
resistor or placing the capacitors a couple of inches
downstream from the junction of the inductor and OUT_
may improve stability.
Unstable operation manifests itself in two related but
distinctly different ways: double pulsing and fast-feed-
back loop instability. Noise on the output or insufficient
ESR may cause double pulsing. Insufficient ESR does
not allow the amplitude of the voltage ramp in the output
signal to be large enough. The error comparator mistak-
enly triggers a new cycle immediately after the 350ns
minimum off-time period has expired. Double pulsing
results in increased output ripple, and can indicate the
presence of loop instability caused by insufficient ESR.
Loop instability results in oscillations or ringing at the
output after line or load perturbations, causing the out-
put voltage to fall below the tolerance limit.
The easiest method for checking stability is to apply a
very fast zero-to-max load transient (refer to the
MAX8734 EV kit data sheet) and observe the output
voltage-ripple envelope for overshoot and ringing.
Monitoring the inductor current with an AC current
probe may also provide some insight. Do not allow
more than one cycle of ringing of under- or overshoot
after the initial step response.
Input Capacitor Selection
The input capacitors must meet the input-ripple-current
(IRMS) requirement imposed by the switching current.
The MAX8732/MAX8733/MAX8734 dual switching regu-
lators operate at different frequencies. This interleaves
the current pulses drawn by the two switches and
reduces the overlap time where they add together. The
input RMS current is much smaller in comparison than
with both SMPSs operating in phase. The input RMS cur-
rent varies with load and the input voltage.
The maximum input capacitor RMS current for a single
SMPS is given by:
When V+ = 2 x VOUT_(D = 50%), IRMS has maximum
current of ILOAD / 2.
The ESR of the input-capacitor is important for deter-
mining capacitor power dissipation. All the power
(IRMS2 x ESR) heats up the capacitor and reduces effi-
ciency. Nontantalum chemistries (ceramic or OS-CON)
are preferred due to their low ESR and resilience to
power-up surge currents. Choose input capacitors that
exhibit less than +10°C temperature rise at the RMS
input current for optimal circuit longevity. Place the
drains of the high-side switches close to each other to
share common input bypass capacitors.
II
VV
V
V
RMS
LOAD
OUT
OUT
+ −
()
+
__
ESR
V
LIR
I
RIPPLE P P
LOAD
()
=
×
f
RC
ESR
ESR
OUT
=
1
f
f
ESR
π
V
IL
CV
SOAR
PEAK
OUT OUT
=
2
2
_


Numéro de pièce similaire - MAX8733EEI

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX8733A MAXIM-MAX8733A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8733AEEI MAXIM-MAX8733AEEI Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
More results

Description similaire - MAX8733EEI

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com