Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX8733EEI Fiches technique(PDF) 20 Page - Maxim Integrated Products

No de pièce MAX8733EEI
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8733EEI Fiches technique(HTML) 20 Page - Maxim Integrated Products

Back Button MAX8733EEI Datasheet HTML 16Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 17Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 18Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 19Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 20Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 21Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 22Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 23Page - Maxim Integrated Products MAX8733EEI Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
20
______________________________________________________________________________________
Reference and Linear Regulators
(REF, LDO5, and LDO3)
The 2V reference (REF) is accurate to ±1% over tem-
perature, making REF useful as a precision system
reference. Bypass REF to GND with a 0.22µF (min)
capacitor. REF can supply up to 100µA for external
loads. However, if extremely accurate specifications for
both the main output voltages and REF are essential,
avoid loading REF. Loading REF reduces the LDO5,
LDO3, OUT5, and OUT3 output voltages slightly
because of the reference load-regulation error.
Two internal regulators produce 5V (LDO5) and 3.3V
(LDO3). LDO5 provides gate drive for the external
MOSFETs and powers the PWM controller, logic, refer-
ence, and other blocks within the device. The LDO5
regulator supplies a total of 100mA for internal and
external loads, including MOSFET gate drive, which
typically varies from 10mA to 50mA, depending on
switching frequency and the external MOSFETs. LDO3
powers up when the reference (REF) is in regulation,
and supplies up to 100mA for external loads. Bypass
LDO5 and LDO3 with a minimum 4.7µF load; use an
additional 1µF per 5mA of internal and external load.
When the 5V main output voltage is above the LDO5
bootstrap-switchover threshold, an internal 1.4Ω p-chan-
nel MOSFET switch connects OUT5 to LDO5 while simul-
taneously shutting down the LDO5 linear regulator.
Similarly, when the 3.3V main output voltage is above the
LDO3 bootstrap-switchover threshold, an internal 1.5Ω
p-channel MOSFET switch connects OUT3 to LDO3 while
simultaneously shutting down the LDO3 linear regulator.
These actions bootstrap the device, powering the internal
circuitry and external loads from the output SMPS volt-
ages, rather than through linear regulators from the bat-
tery. Bootstrapping reduces power dissipation due to
gate charge and quiescent losses by providing power
from a 90%-efficient switch-mode source, rather than
from a much-less-efficient linear regulator.
Current-Limit Circuit (ILIM_)
The current-limit circuit employs a “valley” current-sens-
ing algorithm. The MAX8734 uses the on-resistance of
the synchronous rectifier, while the MAX8732/MAX8733
use a discrete resistor in series with the source of the
synchronous rectifier as a current-sensing element. If the
magnitude of the current-sense signal at CS_
(MAX8732/MAX8733)/LX_ (MAX8734) is above the cur-
rent-limit threshold, the PWM is not allowed to initiate a
new cycle (Figure 7). The actual peak current is greater
than the current-limit threshold by an amount equal to the
inductor ripple current. Therefore, the exact current-limit
characteristic and maximum load capability are a func-
tion of the current-limit threshold, inductor value, and
input and output voltage.
For the MAX8732/MAX8733, connect CS_ to the junction
of the synchronous rectifier source and a current-sense
resistor to GND. With a current-limit threshold of 100mV,
the accuracy is approximately ±7%. Using a lower cur-
rent-sense threshold results in less accuracy. The cur-
rent-sense resistor only dissipates power when the
synchronous rectifier is on.
For lower power dissipation, the MAX8734 uses the on-
resistance of the synchronous rectifier as the current-
sense element. Use the worst-case maximum value for
RDS(ON) from the MOSFET data sheet, and add some
margin for the rise in RDS(ON) with temperature. A good
general rule is to allow 0.5% additional resistance for
each °C of temperature rise. The current limit varies
with the on-resistance of the synchronous rectifier. The
reward for this uncertainty is robust, lossless overcur-
rent sensing. When combined with the undervoltage-
ON-TIME (tON)
ZERO-CROSSING
DETECTION
ISONIC
0
40µs (MAX)
INDUCTOR
CURRENT
Figure 6. Ultrasonic Current Waveforms
ILIMIT
ILOAD
0
TIME
-IPEAK
Figure 7. “Valley” Current-Limit Threshold Point


Numéro de pièce similaire - MAX8733EEI

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX8733A MAXIM-MAX8733A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8733AEEI MAXIM-MAX8733AEEI Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
More results

Description similaire - MAX8733EEI

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com