Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF005S Fiches technique(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce DF005S
Description  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DF005S Fiches technique(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  DF005S Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DF005S Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
.01
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
2% DUTY CYCLE
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
50
Single Half-Sine-Wave
(JEDEC METHOD)
40
FIG.1 - FORWARD CURRENT DERATING CURVE
40
60
100
120
0.6
0.1
20
0.2
1.0
AMBIENT TEMPERATURE , C
0.8
0.4
140
80
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10.0
0.1
100
100
10
1.0
1.0
4.0
TJ = 25 C, f = 1MHz
20
40
120
140
0
0.1
1.0
100
10
60
80
100
0.01
TJ = 25 C
TJ = 125 C
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
BLGALAXYELECTRICAL
2
www.galaxycn.com
Document Number 0287083
1
RATINGS AND CHARACTERISTIC CURVES
DF005S---DF10S


Numéro de pièce similaire - DF005S

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
DF005S THINKISEMI-DF005S Datasheet
660Kb / 2P
   1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diode Semiconductor Kor...
DF005S DSK-DF005S Datasheet
132Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
International Rectifier
DF005S IRF-DF005S Datasheet
67Kb / 4P
   1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
logo
CHENG-YI ELECTRONIC CO....
DF005S CHENG-YI-DF005S Datasheet
111Kb / 2P
   SINGLE-PHASE GLASS BRIDGE
More results

Description similaire - DF005S

FabricantNo de pièceFiches techniqueDescription
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Weitron Technology
DF005S WEITRON-DF005S Datasheet
295Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
DF15005S WEITRON-DF15005S Datasheet
281Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
HY ELECTRONIC CORP.
B05S HY-B05S Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DF005S HY-DF005S Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DF2005S HY-DF2005S_17 Datasheet
147Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DB201S HY-DB201S_17 Datasheet
147Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DB101S HY-DB101S_17 Datasheet
142Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
FABS205 HY-FABS205 Datasheet
326Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com